Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX992ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX992ESA
Description  High-Speed, Micropower, Low-Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX992ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX992ESA Datasheet HTML 1Page - Maxim Integrated Products MAX992ESA Datasheet HTML 2Page - Maxim Integrated Products MAX992ESA Datasheet HTML 3Page - Maxim Integrated Products MAX992ESA Datasheet HTML 4Page - Maxim Integrated Products MAX992ESA Datasheet HTML 5Page - Maxim Integrated Products MAX992ESA Datasheet HTML 6Page - Maxim Integrated Products MAX992ESA Datasheet HTML 7Page - Maxim Integrated Products MAX992ESA Datasheet HTML 8Page - Maxim Integrated Products MAX992ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
________________General Description
The MAX987/MAX988/MAX991/MAX992/MAX995/
MAX996 single/dual/quad micropower comparators
feature low-voltage operation and rail-to-rail inputs and
outputs. Their operating voltage ranges from +2.5V to
+5.5V, making them ideal for both 3V and 5V systems.
These comparators also operate with ±1.25V to ±2.75V
dual supplies. They consume only 48µA per compara-
tor while achieving a 120ns propagation delay.
Input bias current is typically 1.0pA, and input offset volt-
age is typically 0.5mV. Internal hysteresis ensures clean
output switching, even with slow-moving input signals.
The output stage’s unique design limits supply-current
surges while switching, virtually eliminating the supply
glitches typical of many other comparators. The
MAX987/MAX991/MAX995 have a push-pull output
stage that sinks as well as sources current. Large inter-
nal output drivers allow rail-to-rail output swing with
loads up to 8mA. The MAX988/MAX992/MAX996 have
an open-drain output stage that can be pulled beyond
VCC to 6V (max) above VEE. These open-drain versions
are ideal for level translators and bipolar to single-
ended converters.
The single MAX987/MAX988 are available in tiny 5-pin
SC70 packages, while the dual MAX991/MAX992 are
available in ultra-small 8-pin SOT23 and µMAX® pack-
ages.
____________________________Features
♦ 120ns Propagation Delay
♦ 48µA Quiescent Supply Current
♦ +2.5V to +5.5V Single-Supply Operation
♦ Common-Mode Input Voltage Range Extends
250mV Beyond the Rails
♦ Push-Pull Output Stage Sinks and Sources
8mA Current (MAX987/MAX991/MAX995)
♦ Open-Drain Output Voltage Extends Beyond VCC
(MAX988/MAX992/MAX996)
♦ Unique Output Stage Reduces Output Switching
Current, Minimizing Overall Power Consumption
♦ 100µA Supply Current at 1MHz Switching
Frequency
♦ No Phase Reversal for Overdriven Inputs
♦ Available in Space-Saving Packages:
5-Pin SOT23 (MAX987/MAX988)
8-Pin µMAX (MAX991/MAX992)
High-Speed, Micropower, Low-Voltage,
SOT23, Rail-to-Rail I/O Comparators
________________________________________________________________ Maxim Integrated Products
1
VCC
IN-
IN+
1
5
VEE
OUT
MAX987
MAX988
SOT23/SC70
TOP VIEW
2
3
4
Pin Configurations
19-1266; Rev 2; 1/07
_______________Ordering Information
Ordering Information continued at end of data sheet.
Typical Application Circuit appears at end of data sheet.
Pin Configurations continued at end of data sheet.
Portable/Battery-
Powered Systems
Mobile Communications
Zero-Crossing Detectors
Window Comparators
Level Translators
Threshold Detectors/
Discriminators
Ground/Supply Sensing
IR Receivers
Digital Line Receivers
Selector Guide
Applications
PART
PIN-PACKAGE
PKG
CODE
TOP
MARK
MAX987EXK-T
5 SC70-5
X5-1
ABM
MAX987EUK-T
5 SOT23-5
U5-1
ABZB
MAX987ESA
8 SO
S8-2
—
PART
COMPARATORS
PER PACKAGE
OUTPUT
STAGE
MAX987
1
Push-Pull
MAX988
1
Open-Drain
MAX991
2
Push-Pull
MAX992
2
Open-Drain
MAX995
4
Push-Pull
MAX996
4
Open-Drain
µMAX is a registered trademark of Maxim Integrated Products,
Inc.
Note: All devices specified over the -40°C to +85°C operating
temperature range.


Similar Part No. - MAX992ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX992ESA MAXIM-MAX992ESA Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX992ESA MAXIM-MAX992ESA Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
More results

Similar Description - MAX992ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX480 MAXIM-MAX480 Datasheet
106Kb / 6P
High-Precision, Low-Voltage, Micropower Op Amp
Rev 3a; 1/98
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
Toshiba Semiconductor
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
Low Voltage High Speed Switching
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
01-Nov-2007
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS357 KEXIN-1SS357 Datasheet
32Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX480 MAXIM-MAX480_V01 Datasheet
232Kb / 7P
High-Precision, Low-Voltage, Micropower Op Amp
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com