Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.3-VLVCMOS Datasheet(PDF) 23 Page - Altera Corporation

Part # 3.3-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVCMOS Datasheet(HTML) 23 Page - Altera Corporation

Back Button 3.3-VLVCMOS Datasheet HTML 19Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 20Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 21Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 22Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 23Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 24Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 25Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 26Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 27Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Chapter 1: Cyclone III Device Datasheet
1–23
Switching Characteristics
July 2012
Altera Corporation
Cyclone III Device Handbook
Volume 2
Table 1–32 lists the FPGA sampling window specifications for Cyclone III devices.
Table 1–33 lists the transmitter channel-to-channel skew specifications for Cyclone III
devices.
Table 1–32. Cyclone III Devices FPGA Sampling Window (SW) Requirement – Read Side (1)
Memory Standard
Column I/Os
Row I/Os
Wraparound Mode
Setup
Hold
Setup
Hold
Setup
Hold
C6
DDR2 SDRAM
580
550
690
640
850
800
DDR SDRAM
585
535
700
650
870
820
QDRII SRAM
785
735
805
755
905
855
C7
DDR2 SDRAM
705
650
770
715
985
930
DDR SDRAM
675
620
795
740
970
915
QDRII SRAM
900
845
910
855
1085
1030
C8
DDR2 SDRAM
785
720
930
870
1115
1055
DDR SDRAM
800
740
915
855
1185
1125
QDRII SRAM
1050
990
1065
1005
1210
1150
I7
DDR2 SDRAM
765
710
855
800
1040
985
DDR SDRAM
745
690
880
825
1000
945
QDRII SRAM
945
890
955
900
1130
1075
A7
DDR2 SDRAM
805
745
1020
960
1145
1085
DDR SDRAM
880
820
955
935
1220
1160
QDRII SRAM
1090
1030
1105
1045
1250
1190
Note to Table 1–32:
(1) Column I/Os refer to top and bottom I/Os. Row I/Os refer to right and left I/Os. Wraparound mode refers to the combination of column and row
I/Os.
Table 1–33. Cyclone III Devices Transmitter Channel-to-Channel Skew (TCCS) – Write Side (1)
(Part 1 of 2)
Memory
Standard
I/O Standard
Column I/Os (ps)
Row I/Os (ps)
Wraparound Mode (ps)
Lead
Lag
Lead
Lag
Lead
Lag
C6
DDR2 SDRAM
SSTL-18 Class I
790
380
790
380
890
480
SSTL-18 Class II
870
490
870
490
970
590
DDR SDRAM
SSTL-2 Class I
750
320
750
320
850
420
SSTL-2 Class II
860
350
860
350
960
450
QDRII SRAM
1.8 V HSTL Class I
780
410
780
410
880
510
1.8 V HSTL Class II
830
510
830
510
930
610
C7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com