Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3.3-VLVCMOS Datasheet(PDF) 26 Page - Altera Corporation

Part # 3.3-VLVCMOS
Description  This chapterdescribes the electric characteristics, switching characteristics,and I/O timing for Cyclone III devices. A glossary is also included for your reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

3.3-VLVCMOS Datasheet(HTML) 26 Page - Altera Corporation

Back Button 3.3-VLVCMOS Datasheet HTML 22Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 23Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 24Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 25Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 26Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 27Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 28Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 29Page - Altera Corporation 3.3-VLVCMOS Datasheet HTML 30Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
1–26
Chapter 1: Cyclone III Device Datasheet
I/O Timing
Cyclone III Device Handbook
July 2012
Altera Corporation
Volume 2
I/O Timing
You can use the following methods to determine the I/O timing:
■
the Excel-based I/O Timing.
■
the Quartus II timing analyzer.
The Excel-based I/O Timing provides pin timing performance for each device density
and speed grade. The data is typically used prior to designing the FPGA to get a
timing budget estimation as part of the link timing analysis. The Quartus II timing
analyzer provides a more accurate and precise I/O timing data based on the specifics
of the design after place-and-route is complete.
Delay from output
register to output pin
I/O output
register to
pad
2
0
0.479
0.504
0.915
1.011
1.107
1.018
1.048
ns
Input delay from
dual-purpose clock pin
to fan-out destinations
Pad to global
clock
network
12
0
0.664
0.694
1.199
1.378
1.532
1.392
1.441
ns
Notes to Table 1–37:
(1) The incremental values for the settings are generally linear. For exact values of each setting, use the latest version of the Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting ‘0’ as available in the Quartus II software.
Table 1–37. Cyclone III Devices IOE Programmable Delay on Column Pins (1), (2)
(Part 2 of 2)
Parameter
Paths
Affected
Number
of
Settings
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
A7, I7
C6
C6
C7
C8
I7
A7
Table 1–38. Cyclone III Devices IOE Programmable Delay on Row Pins
(1), (2)
Parameter
Paths
Affected
Number
of
Settings
Min
Offset
Max Offset
Unit
Fast Corner
Slow Corner
A7, I7
C6
C6
C7
C8
I7
A7
Input delay from pin to
internal cells
Pad to I/O
dataout to
core
7
0
1.209
1.314
2.174
2.335
2.406
2.381
2.505
ns
Input delay from pin to
input register
Pad to I/O
input register
8
0
1.207
1.312
2.202
2.402
2.558
2.447
2.557
ns
Delay from output
register to output pin
I/O output
register to
pad
2
0
0.51
0.537
0.962
1.072
1.167
1.074
1.101
ns
Input delay from
dual-purpose clock pin
to fan-out destinations
Pad to global
clock network
12
0
0.669
0.698
1.207
1.388
1.542
1.403
1.45
ns
Notes to Table 1–38:
(1) The incremental values for the settings are generally linear. For exact values of each setting, use the latest version of Quartus II software.
(2) The minimum and maximum offset timing numbers are in reference to setting ‘0’ as available in the Quartus II software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com