Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMPB48EP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMPB48EP
Description  30 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB48EP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMPB48EP Datasheet HTML 3Page - NXP Semiconductors PMPB48EP Datasheet HTML 4Page - NXP Semiconductors PMPB48EP Datasheet HTML 5Page - NXP Semiconductors PMPB48EP Datasheet HTML 6Page - NXP Semiconductors PMPB48EP Datasheet HTML 7Page - NXP Semiconductors PMPB48EP Datasheet HTML 8Page - NXP Semiconductors PMPB48EP Datasheet HTML 9Page - NXP Semiconductors PMPB48EP Datasheet HTML 10Page - NXP Semiconductors PMPB48EP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
NXP Semiconductors
PMPB48EP
30 V, single P-channel Trench MOSFET
PMPB48EP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
10 September 2012
7 / 14
ID (A)
0
-25
-20
-10
-15
-5
017aaa775
0.06
0.12
0.18
RDSon
(Ω)
0
-3.2 V
-3.3 V
-3.4 V
-3.5 V
-3.6 V
-4 V
-4.5 V
VGS = -10 V
Tj = 25 °C
Fig. 8. Drain-source on-state resistance as a function
of drain current; typical values
017aaa776
VGS (V)
0
-12
-8
-4
100
150
50
200
250
RDSon
(mΩ)
0
Tj = 150 °C
Tj = 25 °C
ID = -3 A
Fig. 9. Drain-source on-state resistance as a function
of gate-source voltage; typical values
VGS (V)
0
-5
-4
-2
-3
-1
017aaa777
-8
-16
-24
ID
(A)
0
Tj = 25 °C
Tj = 150 °C
VDS > ID × RDSon
Fig. 10. Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Tj (°C)
-60
180
120
0
60
017aaa778
1.0
1.4
1.8
a
0.6
Fig. 11. Normalized drain-source on-state resistance
as a function of junction temperature; typical
values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com