Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC7448HX1000N Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # PPC7448HX1000N
Description  MPC7448 Hardware Specifications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC7448HX1000N Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  PPC7448HX1000N Datasheet HTML 1Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 2Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 3Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 4Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 5Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 6Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 7Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 8Page - Freescale Semiconductor, Inc PPC7448HX1000N Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPC7448 Hardware Specifications Addendum for the MC7448xxnnnnNx Series, Rev. 6
2
Freescale Semiconductor
Table A. Part Numbers Addressed by This Data Sheet
Freescale
Part Number
Operating Conditions
Significant Differences from
Hardware Specifications
CPU
Frequency
(MHz)
VDD
Tj
(•C)
C)
MC7448HX600N
x
600
1.0 V ± 50 mV
0 to 105
Modified core frequency and voltage to reduce
power consumption.
MC7448HX667N
x
667
1.0 V ± 50 mV
MC7448HX800N
x
800
1.0 V ± 50 mV
MC7448HX867N
x
867
1.0 V ± 50 mV
MC7448HX1000N
x
1000
1.0 V ± 50 mV
MC7448HX1250N
x
1250
1.1 V ± 50 mV
MC7448HX1267NC
1267
1.1 V ± 50 mV
MC7448HX1267ND
1267
1.05 V ± 50 mV
MC7448HX1400N
x
1400
1.15 V ± 50 mV 2
MC7448VS600N
x
600
1.0 V ± 50 mV
MC7448VS667N
x
667
1.0 V ± 50 mV
MC7448VS800N
x
800
1.0 V ± 50 mV
MC7448VS867N
x
867
1.0 V ± 50 mV
MC7448VS1000N
x
1000
1.0 V ± 50 mV
MC7448VS1250N
x
1250
1.1 V ± 50 mV
MC7448VS1267NC
1267
1.1 V ± 50 mV
MC7448VS1267ND
1267
1.05 V ± 50 mV
MC7448VS1400N
x
1400
1.15 V ± 50 mV 2
MC7448VU600N
x
600
1.0 V ± 50 mV
MC7448VU667N
x
667
1.0 V ± 50 mV
MC7448VU800N
x
800
1.0 V ± 50 mV
MC7448VU867N
x
867
1.0 V ± 50 mV
MC7448VU1000N
x
1000
1.0 V ± 50 mV
MC7448VU1250N
x
1250
1.1 V ± 50 mV
MC7448VU1267NC
1267
1.1 V ± 50 mV
MC7448VU1267ND
1267
1.05 V ± 50 mV
MC7448VU1400N
x
1400
1.15 V ± 50 mV 2
PPC7448HX600N
x 1
600
1.0 V ± 50 mV
PPC7448HX667N
x 1
667
1.0 V ± 50 mV
PPC7448HX800N
x 1
800
1.0 V ± 50 mV
PPC7448HX867N
x 1
867
1.0 V ± 50 mV
PPC7448HX1000N
x 1
1000
1.0 V ± 50 mV
PPC7448HX1250N
x 1
1250
1.1 V ± 50 mV
PPC7448HX1267NC 1
1267
1.1 V ± 50 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com