Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816SWX7F Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM1816SWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816SWX7F Datasheet(HTML) 1 Page - STMicroelectronics

  STM1816SWX7F Datasheet HTML 1Page - STMicroelectronics STM1816SWX7F Datasheet HTML 2Page - STMicroelectronics STM1816SWX7F Datasheet HTML 3Page - STMicroelectronics STM1816SWX7F Datasheet HTML 4Page - STMicroelectronics STM1816SWX7F Datasheet HTML 5Page - STMicroelectronics STM1816SWX7F Datasheet HTML 6Page - STMicroelectronics STM1816SWX7F Datasheet HTML 7Page - STMicroelectronics STM1816SWX7F Datasheet HTML 8Page - STMicroelectronics STM1816SWX7F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
September 2010
Doc ID11464 Rev 8
1/25
1
STM1810 STM1811 STM1812 STM1813
STM1815 STM1816 STM1817 STM1818
Low power reset circuit
Features
Precision monitoring of 3 V, 3.3 V, and 5 V
supply voltages
Four output configurations:
– Push-pull, active-high (STM1812,1817)
– Push-pull, active-low (STM1810,1815)
– Open-drain, active-low (STM1811,1816)
– Open-drain, active-low with push-button
detect (STM1813,1818)
Reset pulse width - 100 ms (min.)
Low supply current - 4 µA (typ.)
Guaranteed assertion down to VCC = 1.0 V
(0 °C to 105 °C)
Factory-trimmed reset thresholds of 2.55 V,
2.88 V, 3.06 V, 4.37 V, and 4.62 V (typ.)
Power supply transient immunity
Push-button/manual reset detect
(STM1813/1818)
Operating temperature: –40 °C to 105 °C
± 2.5% reset threshold accuracy:
(–40 °C to 105 °C)
Available in the SOT23-3 package
Fully compatible with DS181x and MXD181x
products.
SOT23-3 (WX)
Table 1.
Device summary
Order codes
5 V
3.3 V/
3.0 V
Active-low
reset
(push-pull)
Active-low
reset
(open-drain)
Active-high
reset
(push-pull)
Active-low reset
(open-drain,
bidirectional, with MR detect)
STM1810L/M
✔✔
STM1811L/M
✔✔(1)
STM1812L/M
✔✔
STM1813L/M
STM1815T/S/R
✔✔
STM1816T/S/R
✔✔(1)
STM1817T/S/R
✔✔
STM1818T/S/R
✔✔
1.
Active-low RST with internal pull-up resistor.
www.st.com


Similar Part No. - STM1816SWX7F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM1816SWX7F STMICROELECTRONICS-STM1816SWX7F Datasheet
321Kb / 20P
Low Power Reset Circuit
Jun-2005
More results

Similar Description - STM1816SWX7F

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3470 NSC-LP3470 Datasheet
568Kb / 8P
Tiny Power On Reset Circuit
logo
STMicroelectronics
STM809 STMICROELECTRONICS-STM809 Datasheet
255Kb / 18P
Reset Circuit
Nov-2004
STM1001 STMICROELECTRONICS-STM1001 Datasheet
185Kb / 13P
Reset Circuit
Nov-2004
STM1810 STMICROELECTRONICS-STM1810 Datasheet
321Kb / 20P
Low Power Reset Circuit
Jun-2005
STM1001 STMICROELECTRONICS-STM1001_05 Datasheet
243Kb / 14P
Reset Circuit
Sep-2005
STM1810 STMICROELECTRONICS-STM1810_07 Datasheet
261Kb / 25P
Low power reset circuit
28-Aug-2007
STM809 STMICROELECTRONICS-STM809_10 Datasheet
424Kb / 21P
Reset circuit
05-Jan-2010
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
SGM804 SGMICRO-SGM804_17 Datasheet
856Kb / 11P
Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
logo
Shenzhen Huazhimei Semi...
HM803 HMSEMI-HM803 Datasheet
818Kb / 11P
Low-power microprocessor power monitoring reset circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com