Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM1816SWX7F Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM1816SWX7F
Description  Low power reset circuit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM1816SWX7F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM1816SWX7F Datasheet HTML 13Page - STMicroelectronics STM1816SWX7F Datasheet HTML 14Page - STMicroelectronics STM1816SWX7F Datasheet HTML 15Page - STMicroelectronics STM1816SWX7F Datasheet HTML 16Page - STMicroelectronics STM1816SWX7F Datasheet HTML 17Page - STMicroelectronics STM1816SWX7F Datasheet HTML 18Page - STMicroelectronics STM1816SWX7F Datasheet HTML 19Page - STMicroelectronics STM1816SWX7F Datasheet HTML 20Page - STMicroelectronics STM1816SWX7F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
STM1810/1811/1812/1813/1815/1816/1817/1818
Maximum rating
Doc ID11464 Rev 8
17/25
4
Maximum rating
Stressing the device above the rating listed in Table 7 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the “Operating” sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability. Refer also to the STMicroelectronics™ “SURE Program” and other relevant
quality documents.
Table 7.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TSTG
Storage temperature (VCC Off)
–55 to 150
°C
TSLD
(1)
1.
Reflow at peak temperature of 255 °C to 260 °C for < 30 seconds (total thermal budget not to exceed 180 °C
for between 90 to 150 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltage
–0.3 to VCC +0.3
V
VCC
Supply voltage
–0.3 to 7.0
V
IO
Output current
20
mA
PD
Power dissipation
320
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com