| Electronic Components Datasheet Search |
|
CS3101C18-3SW Datasheet(PDF) 26 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101C18-3SW Datasheet(HTML) 26 Page - Amphenol Corporation |
|
26 / 73 page ![]() 25 To avoid cross-plugging problems in applications requiring the use of more than one connector of the same size and arrangement, alternate rotations are available as indicated in the accompanying charts. As shown in the diagram below, the front face of the pin insert is rotated within the shell in a clockwise direction from the normal shell key. The socket insert would be rotated counter-clockwise the same number of degrees in respect to the normal shell key. Position W Position X Position Y Position Z View looking into front face of pin insert or rear of socket insert. The following insert arrangements have the same alter- nate insert rotations for W, X, Y and Z, which are: Degrees WX Y Z 80 110 250 280 16-7 20-22 22-29 24-17 28-16 32-13 18-5 22-6 22-33 24-20 28-17 32-22 18-9 22-12 22-34 24-21 28-19 32-AF 18-13 22-14 24-1 24-28 28-20 36-1 18-14 22-15 24-3 28-1 28-21 36-7 20-7 22-16 24-4 28-4 32-1 36-8 20-8 22-17 24-5 28-8 32-3 36-13 20-9 22-18 24-6 28-9 32-4 40-AR 20-12 22-19 24-7 28-10 32-6 40-AS 20-14 22-21 24-12 28-11 32-9 40-AT 20-16 22-24 24-14 28-14 32-10 40-AU 20-20 22-25 24-16 28-15 32-12 MS/Standard insert alternate positioning Insert Arrangement Degrees WX Y Z 10SL-4 63 – – – 12S-3 70 145 215 290 14S-2 – 120 240 – 14S-5 – 110 – – 14S-7 90 180 270 – 14S-9 70 145 215 290 16-9 35 110 250 325 16-10 90 180 270 – 16-11 35 110 250 325 16-13 35 110 250 325 16S-1 80 – – 280 16S-4 35 110 250 325 16S-5 70 145 215 290 16S-6 90 180 270 – 16S-8 – 170 265 – 18-1 70 145 215 290 18-3 35 110 250 325 18-4 35 110 250 325 18-8 70 – – 290 18-10 – 120 240 – 18-11 – 170 265 – 18-12 80 – – 280 18-15 – 120 240 – 18-20 90 180 270 – 18-22 70 145 215 290 18-29 90 180 270 – 20-3 70 145 215 290 20-4 45 110 250 – 20-5 35 110 250 325 20-6 70 145 215 290 20-15 80 – – 280 20-17 90 180 270 – 20-18 35 110 250 325 20-19 90 180 270 – 20-21 35 110 250 325 20-23 35 110 250 325 20-24 35 110 250 325 20-27 35 110 250 325 20-29 80 – – 280 22-1 35 110 250 325 22-2 70 145 215 290 22-4 35 110 250 325 22-5 35 110 250 325 22-8 35 110 250 325 22-9 70 145 215 290 22-10 35 110 250 325 22-11 35 110 250 325 22-13 35 110 250 325 22-20 35 110 250 325 22-22 – 110 250 – 22-23 35 – 250 – 22-27 80 – 250 280 22-28 80 – – 280 22-63 20 – – – 24-2 80 – – 280 24-9 35 110 250 325 24-10 80 – – 280 24-11 35 110 250 325 24-22 45 110 250 – 24-27 80 – – 280 28-2 35 110 250 325 28-3 70 145 215 290 28-5 35 110 250 325 28-6 70 145 215 290 28-7 35 110 250 325 28-12 90 180 270 – 28-18 70 145 215 290 28-22 70 145 215 290 28-AY 45 110 250 – 32-2 70 145 215 290 Insert Arrangement Degrees WX Y Z 32-5 35 110 250 325 32-7 80 125 235 280 32-8 80 125 235 280 32-14 65 130 230 295 32-15 35 110 250 280 32-17 45 110 250 – 32-25 60 120 – – 32-48 80 – – – 32-64 80 100 110 250 32-68 30 – – – 32-82 30 – – – 36-3 70 145 215 290 36-4 70 145 215 290 36-5 – 120 240 – 36-6 35 110 250 325 36-9 80 125 235 280 36-10 80 125 235 280 36-14 90 180 270 – 36-15 60 125 245 305 36-AF 65 – – – 40-1 65 130 235 300 40-5 33 – – 270 40-9 65 125 225 310 40-10 65 125 225 310 40-35 70 130 230 290 40-AD 45 – – – 40-AG 37 74 285 322 40-AP 35 110 250 325 40-AV 90 180 270 – Insert Arrangement Degrees WX Y Z |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |