| Electronic Components Datasheet Search |
|
CS3101C18-3SW Datasheet(PDF) 11 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3101C18-3SW Datasheet(HTML) 11 Page - Amphenol Corporation |
|
11 / 73 page ![]() 10 MS/Standard MS-E/F MS-E & F MS Class F connectors satisfy all the performance requirements of MIL-DTL-5015. Class E, environmental is also produced, but is no longer listed on the qualified products listing (QPL). These connectors are recom- mended for conditions where vibration, moisture, pres- sure and/or temperature are extreme. Strain relief is supplied on most shell sizes. Shells: Shell components are fabricated from high grade alumi- num alloy. The standard hardware plating is electrically conductive cadmium plated finish with an olive drab chro- mate after-treatment for corrosion resistance. Consult Amphenol, Sidney, NY for other plating options. Contacts: Contacts are silver plated copper alloy for maximum cor- rosion resistance, maximum current carrying capacity and low millivolt drop. Size 16 and 12 socket contacts incorporate a closed entry design. Crimp and solder ver- sions are available. Refer to pages 49, 67 and 68 for additional contact information. Inserts: Resilient neoprene inserts provide an outstanding mois- ture barrier, high dielectric strength, and resistance to vibration. Either pin or socket insert can be pressurized. Strain Relief Clamp: Strain relief clamps minimize tension at the solder well connection and provide a positive mechanical moisture seal. Complete field serviceability is possible with the strain relief clamp. wall mounting receptacle cable connecting plug box mounting receptacle straight plug 90 degree plug |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |