Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP41100E/SL Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP41100E/SL
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41100E/SL Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP41100E/SL Datasheet HTML 6Page - Microchip Technology MCP41100E/SL Datasheet HTML 7Page - Microchip Technology MCP41100E/SL Datasheet HTML 8Page - Microchip Technology MCP41100E/SL Datasheet HTML 9Page - Microchip Technology MCP41100E/SL Datasheet HTML 10Page - Microchip Technology MCP41100E/SL Datasheet HTML 11Page - Microchip Technology MCP41100E/SL Datasheet HTML 12Page - Microchip Technology MCP41100E/SL Datasheet HTML 13Page - Microchip Technology MCP41100E/SL Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 10
 2003 Microchip Technology Inc.
Note: Unless otherwise indicated, curve represents 10 k
Ω, 50 kΩ and 100 kΩ devices, VDD = 5V, VSS = 0V, TA = +25°C,
V
B = 0V.
FIGURE 2-19:
Gain vs. Frequency for
50k
Ω Potentiometer.
FIGURE 2-20:
Gain vs. Frequency for
100k
Ω Potentiometer.
FIGURE 2-21:
-3 dB Bandwidths.
FIGURE 2-22:
Power Supply Rejection
Ratio vs. Frequency.
FIGURE 2-23:
10 k
Ω Wiper Resistance vs.
Voltage.
FIGURE 2-24:
50 k
Ω & 100 kΩ Wiper
Resistance vs. Voltage.
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
6
Frequency (Hz)
CL = 30pF, Refer to Figure 2-29
MCP41050, MCP42050 (50k
Ω potentiometers)
Code = FFh
Code = 80h
Code = 40h
Code = 20h
Code = 10h
Code = 08h
Code = 04h
Code = 02h
Code = 01h
100
1k
10k
100k
1M
10M
-60
-54
-48
-42
-36
-30
-24
-18
-12
-6
0
6
Frequency (Hz)
CL = 30pF, Refer to Figure 2-29
MCP41100, MCP42100 (100k
Ω potentiometers)
Code = FFh
Code = 80h
Code = 40h
Code = 20h
Code = 10h
Code = 08h
Code = 04h
Code = 02h
Code = 01h
100
1k
10k
100k
1M
-36
-30
-24
-18
-12
-6
0
Frequency (Hz)
279 kHz
145 kHz
1.06 MHz
10 k
Ω
50 k
Ω
100 k
Ω
CL = 30 pF, Code = 80h
Refer to Figure 2-29
1k
10k
100k
1M
10M
0
5
10
15
20
25
30
35
40
Frequency (Hz)
100 k
Ω Potentiometer
50 k
Ω Potentiometer
10 k
Ω Potentiometer
VDD = 4.5V to 5.5V,
Code = 80h,
CL = 27 pF,
VA = 4V
Refer to Figure 2-28
1k
10k
100k
1M
10M
0
100
200
300
400
500
600
700
0123
45
Terminal B Voltage (V)
MCP41010, MCP42010
Iw = 1 mA, Code = 00h,
Refer to Figure 2-27
VDD = 2.7V
VDD = 5V
0
50
100
150
200
250
300
350
400
450
0123
45
Terminal B Voltage (V)
VDD = 2.7V
VDD = 5V
Code = 00h
Refer to Figure 2-27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com