Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP41100E/SL Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP41100E/SL
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP41100E/SL Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP41100E/SL Datasheet HTML 7Page - Microchip Technology MCP41100E/SL Datasheet HTML 8Page - Microchip Technology MCP41100E/SL Datasheet HTML 9Page - Microchip Technology MCP41100E/SL Datasheet HTML 10Page - Microchip Technology MCP41100E/SL Datasheet HTML 11Page - Microchip Technology MCP41100E/SL Datasheet HTML 12Page - Microchip Technology MCP41100E/SL Datasheet HTML 13Page - Microchip Technology MCP41100E/SL Datasheet HTML 14Page - Microchip Technology MCP41100E/SL Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 11
MCP41XXX/42XXX
2.1
Parametric Test Circuits
FIGURE 2-25:
Potentiometer Divider Non-
Linearity Error Test Circuit (DNL, INL).
FIGURE 2-26:
Resistor Position Non-
Linearity Error Test Circuit (Rheostat operation
DNL, INL).
FIGURE 2-27:
Wiper Resistance Test
Circuit.
FIGURE 2-28:
Power Supply Sensitivity
Test Circuit (PSS, PSRR).
FIGURE 2-29:
Gain vs. Frequency Test
Circuit.
FIGURE 2-30:
Capacitance Test Circuit.
V+
A
B
W
VMEAS*
V+ = VDD
1LSB = V+/256
DUT
*Assume infinite input impedance
+
-
A
B
W
DUT
IW
*Assume infinite input impedance
VMEAS*
No Connection
+
-
B
DUT
W
+
-
ISW
Rsw = 0.1V
Isw
Code = 00h
0.1V
VSS = 0 to VDD
A
V+
A
B
W
DUT
VA
V+ = VDD ± 10%
PSRR (dB) = 20LOG
∆VMEAS
)
(
PSS (%/%) =
∆VDD
∆VMEAS
VDD
*Assume infinite input impedance
VMEAS*
∆VDD
+
-
VIN
-
+
+5V
VOUT
2.5V DC
OFFSET
GND
A
B
DUT
W
~
VIN
-
+
+5V
VOUT
MCP601
2.5V DC
Offset
A
B
DUT
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com