Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP42100TE/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP42100TE/ST
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42100TE/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP42100TE/ST Datasheet HTML 3Page - Microchip Technology MCP42100TE/ST Datasheet HTML 4Page - Microchip Technology MCP42100TE/ST Datasheet HTML 5Page - Microchip Technology MCP42100TE/ST Datasheet HTML 6Page - Microchip Technology MCP42100TE/ST Datasheet HTML 7Page - Microchip Technology MCP42100TE/ST Datasheet HTML 8Page - Microchip Technology MCP42100TE/ST Datasheet HTML 9Page - Microchip Technology MCP42100TE/ST Datasheet HTML 10Page - Microchip Technology MCP42100TE/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2003 Microchip Technology Inc.
DS11195C-page 7
MCP41XXX/42XXX
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, curve represents 10 k
Ω, 50 kΩ and 100 kΩ devices, VDD = 5V, VSS = 0V, TA = +25°C,
V
B = 0V.
FIGURE 2-1:
Normalized Wiper to End
Terminal Resistance vs. Code.
FIGURE 2-2:
Potentiometer INL Error vs.
Code.
FIGURE 2-3:
Potentiometer Mode
Tempco vs. Code.
FIGURE 2-4:
Nominal Resistance 10 k
Ω
vs. Temperature.
FIGURE 2-5:
Nominal Resistance 50 k
Ω
vs. Temperature.
FIGURE 2-6:
Nominal Resistance 100 k
Ω
vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.2
0.4
0.6
0.8
1
0
32
64
96
128
160
192
224
256
Code (Decimal)
RWB
RWA
VDD = +3V to +5V
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0
32
64
96
128 160 192 224 256
Code (Decimal)
TA = -40°C to +85°C
Refer to Figure 2-25
-10
0
10
20
30
40
50
60
70
0
32
64
96
128 160 192 224 256
Code (Decimal)
TA = -40°C to +85°C
VA = 3V
0
2
4
6
8
10
12
14
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
RAB
RWB
Code = 80h
MCP41010, MCP42010 (10 k
Ω potentiometers)
0
10
20
30
40
50
60
70
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
RAB
RWB
Code = 80h
MCP41050, MCP42050 (50 k
Ωpotentiometers)
0
20
40
60
80
100
120
140
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
MCP41100, MCP42100 (100 k
Ωpotentiometers)
RAB
RWB
Code = 80h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com