Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP42100TE/ST Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP42100TE/ST
Description  Single/Dual Digital Potentiometer with SPI Interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP42100TE/ST Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP42100TE/ST Datasheet HTML 12Page - Microchip Technology MCP42100TE/ST Datasheet HTML 13Page - Microchip Technology MCP42100TE/ST Datasheet HTML 14Page - Microchip Technology MCP42100TE/ST Datasheet HTML 15Page - Microchip Technology MCP42100TE/ST Datasheet HTML 16Page - Microchip Technology MCP42100TE/ST Datasheet HTML 17Page - Microchip Technology MCP42100TE/ST Datasheet HTML 18Page - Microchip Technology MCP42100TE/ST Datasheet HTML 19Page - Microchip Technology MCP42100TE/ST Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
MCP41XXX/42XXX
DS11195C-page 16
 2003 Microchip Technology Inc.
FIGURE 4-7:
Single Supply
programmable differential amplifier using digital
potentiometers.
4.2.3
PROGRAMMABLE OFFSET TRIM
For applications requiring only a programmable voltage
reference, the circuit in Figure 4-8 can be used. This
circuit shows the device used in the potentiometer
mode along with two resistors and a buffered output.
This creates a circuit with a linear relationship between
voltage-out and programmed code. Resistors R1 and
R2 can be used to increase or decrease the output volt-
age step size. The potentiometer in this mode is stable
over temperature. The operation of this circuit over
temperature is shown in Figure 2-3. The worst perfor-
mance over temperature will occur at the lower codes
due to the dominating wiper resistance. R1 and R2 can
also be used to affect the boundary voltages, thereby
eliminating the use of these lower codes.
FIGURE 4-8:
By changing the values of
R1 and R2, the voltage output resolution of this
programmable voltage reference circuit is
affected.
4.3
Calculating Resistances
When programming the digital potentiometer settings,
the following equations can be used to calculate the
resistances. Programming code 00h effectively brings
the wiper to the B terminal, leaving only the wiper resis-
tance. Programming higher codes will bring the wiper
closer to the A terminal of the potentiometer. The equa-
tions in Figure 4-9 can be used to calculate the terminal
resistances. Figure 4-10 shows an example calculation
using a 10 k
Ω potentiometer.
FIGURE 4-9:
Potentiometer resistances
are a function of code. It should be noted that,
when using these equations for most feedback
amplifier circuits (see Figure 4-4 and Figure 4-5),
the wiper resistance can be omitted due to the
high impedance input of the amplifier.
FIGURE 4-10:
Example Resistance
calculations.
MCP601
VB
VSS
VDD
-IN
+IN
VOUT
AB
A
B
(SIG -)
MCP42010
1/2
VREF
NOTE: Potentiometer values must be equal
+
-
Where:
RA
RAB 256 Dn
–
()
256
---------------------------------------
=
RB
RABDn
256
------------------
=
RAB
Total Resistance of pot
=
Dn
Wiper setting forDn 0 to 255
=
=
VOUT
VA VB
–
()
RB
RA
-------
=
VA
(SIG +)
MCP606
OUT
VSS
VDD
-IN
+IN
VDD
VSS
R1
R2
B
A
0.1 uF
+
-
PA
PB
PW
Where:
PA is the A terminal
PB is the B terminal
PW is the wiper terminal
RWA is resistance between Terminal A and wiper
RWB is resistance between Terminal B and Wiper
RAB is overall resistance for pot (10 kΩ, 50 kΩ or 100 kΩ)
RW is wiper resistance
Dn is 8-bit value in data register for pot number n
RWA Dn
()
RAB
() 256 Dn
–
()
256
-------------------------------------------- RW
+
=
RWB Dn
()
RAB
() Dn
()
256
---------------------------- RW
+
=
Example:
Code = C0h = 192d
R = 10 k
Ω
Note: All values shown are typical and
actual results will vary.
PA
PB
PW
10 k
Ω
RWA Dn
()
RAB
() 256 Dn
–
()
256
-------------------------------------------- RW
+
=
RWB C0h
()
10k
Ω
() 192
()
256
----------------------------------- 52
Ω
+
=
RWA C0h
()
10k
Ω
() 256 192
–
()
256
--------------------------------------------------- 52
Ω
+
=
RWA C0h
()
2552
Ω
=
RWB Dn
()
RAB
() Dn
()
256
---------------------------- RW
+
=
RWB C0h
()
7552
Ω
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com