Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115 Datasheet(PDF) 7 Page - Altera Corporation

Part # EP4CE115
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 7 Page - Altera Corporation

Back Button EP4CE115 Datasheet HTML 3Page - Altera Corporation EP4CE115 Datasheet HTML 4Page - Altera Corporation EP4CE115 Datasheet HTML 5Page - Altera Corporation EP4CE115 Datasheet HTML 6Page - Altera Corporation EP4CE115 Datasheet HTML 7Page - Altera Corporation EP4CE115 Datasheet HTML 8Page - Altera Corporation EP4CE115 Datasheet HTML 9Page - Altera Corporation EP4CE115 Datasheet HTML 10Page - Altera Corporation EP4CE115 Datasheet HTML 11Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–7
Operating Conditions
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
DC Characteristics
This section lists the I/O leakage current, pin capacitance, on-chip termination (OCT)
tolerance, and bus hold specifications for Cyclone IV devices.
Supply Current
The device supply current requirement is the minimum current drawn from the
power supply pins that can be used as a reference for power size planning. Use the
Excel-based early power estimator (EPE) to get the supply current estimates for your
design because these currents vary greatly with the resources used. Table 1–6 lists the
I/O pin leakage current for Cyclone IV devices.
Bus Hold
The bus hold retains the last valid logic state after the source driving it either enters
the high impedance state or is removed. Each I/O pin has an option to enable bus
hold in user mode. Bus hold is always disabled in configuration mode.
Table 1–7 lists bus hold specifications for Cyclone IV devices.
Table 1–6. I/O Pin Leakage Current for Cyclone IV Devices (1), (2)
Symbol
Parameter
Conditions
Device
Min
Typ
Max
Unit
II
Input pin leakage current
VI = 0 V to VCCIOMAX
—–10
—
10
A
IOZ
Tristated I/O pin leakage
current
VO = 0 V to VCCIOMAX
—–10
—
10
A
Notes to Table 1–6:
(1) This value is specified for normal device operation. The value varies during device power
-up. This applies for all VCCIO settings (3.3, 3.0, 2.5,
1.8, 1.5, and 1.2 V).
(2) The 10
A I/O leakage current limit is applicable when the internal clamping diode is off. A higher current can be observed when the diode is on.
Table 1–7. Bus Hold Parameter for Cyclone IV Devices (Part 1 of 2) (1)
Parameter
Condition
VCCIO (V)
Unit
1.2
1.5
1.8
2.5
3.0
3.3
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Bus hold
low,
sustaining
current
VIN > VIL
(maximum)
8
—
12
—
30
—
50
—
70
—
70
—
A
Bus hold
high,
sustaining
current
VIN < VIL
(minimum)
–8
—
–12
—
–30
—
–50
—
–70
—
–70
—
A
Bus hold
low,
overdrive
current
0 V < VIN < VCCIO
—
125
—
175
—200
—300
—500
—
500
A
Bus hold
high,
overdrive
current
0 V < VIN < VCCIO
—
–125
—
–175
—
–200
—
–300
—
–500
—
–500
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com