Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP4CE115 Datasheet(PDF) 11 Page - Altera Corporation

Part # EP4CE115
Description  1. Cyclone IV Device Datasheet
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP4CE115 Datasheet(HTML) 11 Page - Altera Corporation

Back Button EP4CE115 Datasheet HTML 7Page - Altera Corporation EP4CE115 Datasheet HTML 8Page - Altera Corporation EP4CE115 Datasheet HTML 9Page - Altera Corporation EP4CE115 Datasheet HTML 10Page - Altera Corporation EP4CE115 Datasheet HTML 11Page - Altera Corporation EP4CE115 Datasheet HTML 12Page - Altera Corporation EP4CE115 Datasheet HTML 13Page - Altera Corporation EP4CE115 Datasheet HTML 14Page - Altera Corporation EP4CE115 Datasheet HTML 15Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Chapter 1: Cyclone IV Device Datasheet
1–11
Operating Conditions
May 2013
Altera Corporation
Cyclone IV Device Handbook,
Volume 3
Internal Weak Pull-Up and Weak Pull-Down Resistor
Table 1–12 lists the weak pull-up and pull-down resistor values for Cyclone IV
devices.
Hot-Socketing
Table 1–13 lists the hot-socketing specifications for Cyclone IV devices.
1 During hot-socketing, the I/O pin capacitance is less than 15 pF and the clock pin
capacitance is less than 20 pF.
Table 1–12. Internal Weak Pull
-Up and Weak Pull-Down Resistor Values for Cyclone IV Devices (1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
R_PU
Value of the I/O pin pull-up resistor
before and during configuration, as
well as user mode if you enable the
programmable pull-up resistor option
VCCIO = 3.3 V ± 5% (2), (3)
7
2541k
VCCIO = 3.0 V ± 5% (2), (3)
7
2847k
VCCIO = 2.5 V ± 5% (2), (3)
8
3561k
VCCIO = 1.8 V ± 5% (2), (3)
10
57
108
k
VCCIO = 1.5 V ± 5% (2), (3)
13
82
163
k
VCCIO = 1.2 V ± 5% (2), (3)
19
143
351
k
R_PD
Value of the I/O pin pull-down resistor
before and during configuration
VCCIO = 3.3 V ± 5% (4)
6
1930k
VCCIO = 3.0 V ± 5% (4)
6
2236k
VCCIO = 2.5 V ± 5% (4)
6
2543k
VCCIO = 1.8 V ± 5% (4)
7
3571k
VCCIO = 1.5 V ± 5% (4)
850
112
k
Notes to Table 1–12:
(1) All I/O pins have an option to enable weak pull
-up except the configuration, test, and JTAG pins. The weak pull-down feature is only available
for JTAG TCK.
(2) Pin pull
-up resistance values may be lower if an external source drives the pin higher than VCCIO.
(3) R_PU = (VCCIO –VI)/IR_PU
Minimum condition: –40°C; VCCIO = VCC + 5%, VI = VCC + 5% – 50 mV;
Typical condition: 25°C; VCCIO = VCC, VI = 0 V;
Maximum condition: 100°C; VCCIO = VCC – 5%, VI = 0 V; in which VI refers to the input voltage at the I/O pin.
(4) R_PD = VI/IR_PD
Minimum condition: –40°C; VCCIO = VCC + 5%, VI = 50 mV;
Typical condition: 25°C; VCCIO = VCC, VI = VCC –5%;
Maximum condition: 100°C; VCCIO = VCC – 5%, VI = VCC – 5%; in which VI refers to the input voltage at the I/O pin.
Table 1–13. Hot
-Socketing Specifications for Cyclone IV Devices
Symbol
Parameter
Maximum
IIOPIN(DC)
DC current per I/O pin
300
A
IIOPIN(AC)
AC current per I/O pin
8 mA (1)
IXCVRTX(DC)
DC current per transceiver TX pin
100 mA
IXCVRRX(DC)
DC current per transceiver RX pin
50 mA
Note to Table 1–13:
(1) The I/O ramp rate is 10 ns or more. For ramp rates faster than 10 ns, |IIOPIN| = C dv/dt, in which C is the I/O pin
capacitance and dv/dt is the slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com