Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE10SA Datasheet(PDF) 68 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 68 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 64Page - Tyco Electronics ADE10SA Datasheet HTML 65Page - Tyco Electronics ADE10SA Datasheet HTML 66Page - Tyco Electronics ADE10SA Datasheet HTML 67Page - Tyco Electronics ADE10SA Datasheet HTML 68Page - Tyco Electronics ADE10SA Datasheet HTML 69Page - Tyco Electronics ADE10SA Datasheet HTML 70Page - Tyco Electronics ADE10SA Datasheet HTML 71Page - Tyco Electronics ADE10SA Datasheet HTML 72Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 326 page
background image
B40
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
B
SL Series
Slide Switches, PC Tails, Wiping Contact, Consumer Grade
Slide Switches, PC Tails, Lever or Knob Actuator
Knob Only
Description
Dim. D
Dim. E
KSS10A
Aluminum-Clear Anodize
.270(6.86)
.500(12.70)
KSS10B
Aluminum-Black Anodize
.270(6.86)
.500(12.70)
KSS20A
Aluminum-Clear Anodize
.305(7.75)
.512(13.00)
KSS20B
Aluminum-Black Anodize
.305(7.75)
.512(13.00)
MATERIAL SPECIFICATIONS:
Contacts ..................................Silver plate over copper alloy
Case Material ..........................Steel
Actuator Material ....................Polycarbonate
Terminals/Fixed Contacts........Silver plate over copper alloy
Terminal Seal ..........................Epoxy
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............14°F to +140°F (-10°C to +60°C)
Storage Temperature................14°F to +140°F (-10°C to +60°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................250 mA @ 125 VAC, 150 mA @ 12 VDC
Initial Contact Resistance ........30 Milliohms max.
Contact Timing ........................Break before make
Insulation Resistance ..............500 Megohms min.
Dielectric Strength ..................500 VAC
Actuation Force ......................100-300 Grams
Actuator Travel.........................0.126” (3.20)
Life Expectancy ......................Up to 10,000 Cycles
2 TO 10 POSITIONS
B
A
4-40 UNC-2B
.378
(9.60)
.157
(3.99)
.110
(2.79)
.200
(5.08)
.550
(14.0)
.390
(10.0)
.340
(8.64)
.026
(0.65)
.016
(.400)
.158
(4.01)
.170
(4.32)
.353
(8.97)
C
.295
(7.49)
.169
(4.30)
.063
(1.60)
DIA.
TYP.
.040
(1.02)
DIA.
TYP.
CONTACT ARRANGEMENT
.508
(12.9)
.039
(1.00)
D
E
.079
(2.00)
.157
(4.00)
.020
(0.51)
.039
(1.00)
.098
(2.49)
2 TO 6 POSITIONS
SLS220PC
SLS250PC
Part Number
Tyco
Alcoswitch
Type
Dim. A
Dim. B
Dim. C
Electronics
1437577-9
SL220
2 Positions
.95(24.13)
.750(19.05) .750(19.05)
1-1437577-0
SL330
3 Positions
1.11(28.19)
.910(23.1)
.910(23.1)
1-1437577-1
SL550
5 Positions
1.42(36.07)
1.22(30.99) 1.22(31.1)
1-1437577-2
SL660
6 Positions
1.58(40.13)
1.38(35.05) 1.38(35.1)
1-1437577-3
SL770
7 Positions
1.74(44.20)
1.54(39.12) 1.54(39.1)
1-1437577-4
SL880
8 Positions
1.89(48.01)
1.70(43.18) 1.70(43.1)
1437577-8
SL1000
10 Positions
2.21(56.13)
2.01(51.05) 2.01(51.5)
SL770
SLS230PC
SLS240PCA
Part Number
Tyco
Alcoswitch
Type
Dim.A
Dim.B
Electronics
3-1437577-9
SLS220PC
2 Positions
.272(6.91)
.535(13.59)
4-1437577-1
SLS230PC
3 Positions
.398(10.11)
.661(16.79)
4-1437577-3
SLS240PCA
4 Positions
.524(13.31)
.787(19.99)
4-1437577-5
SLS250PC
5 Positions
.650(16.51)
.913(23.19)
4-1437577-7
SLS260PC
6 Positions
.776(19.71)
1.039(26.39)
A
.134
(3.40)
.098
(2.50)
.197
(5.00)
.126
(3.20)
.020
(.510)
.197
(5.00)
.402
(10.2)
.146
(3.70)
.031
(0.80)
.126
(3.20)
.276
(7.00)
.142
(3.60)
B
POS. 1 POS. 3 POS. 5
POS. 2
.042
(1.10)
DIA
.126
(3.20)
.197
(5.00)
POS. 4 POS. 6
SL550
SLS/SL Series
SL660
(with KSS KNOB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com