Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE10SA Datasheet(PDF) 81 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 81 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 77Page - Tyco Electronics ADE10SA Datasheet HTML 78Page - Tyco Electronics ADE10SA Datasheet HTML 79Page - Tyco Electronics ADE10SA Datasheet HTML 80Page - Tyco Electronics ADE10SA Datasheet HTML 81Page - Tyco Electronics ADE10SA Datasheet HTML 82Page - Tyco Electronics ADE10SA Datasheet HTML 83Page - Tyco Electronics ADE10SA Datasheet HTML 84Page - Tyco Electronics ADE10SA Datasheet HTML 85Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 326 page
background image
C5
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
TST Series
Toggle Switches, Tiny, Sealed, Through Hole and Surface Mount
FEATURES:
• Rating 0.4VA max. at 20VAC/DC
• High temperature plastics - Liquid crystal polymer (LCP)
• Specifically designed for thru-hole and surface mount applications -
Tin lead plated terminals
• Washable process sealed construction - Internal actuator “O” Ring
• Ultrasonic welded case
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper alloy with gold over nickel plate
Case Material ..........................LCP
Actuator Material ....................Nickel plated brass
Terminals ................................Copper alloy with gold over nickel plating
inside, tin plating outside
Terminal Seal ..........................Epoxy
Support Bracket ......................Tin plated steel
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................0.4 VA @ 20 VAC/DC
Initial Contact Resistance ........20 Milliohms max.
Contact Timing ........................Break-before-make
Insulation Resistance ..............1,000 Megohms 500 VDC min.
Dielectric Strength ..................1,000 Volt RMS @ sea level
Actuator Travel........................22° for E and D function
18° for F, G function
Life Expectancy ......................D Function: Up to 80,000 cycles
E Function: Up to 60,000 cycles
F, G Function: Up to 30,000 cycles
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature............-22°F to +185°F (-30°C to +85°C)
Storage Temperature................-67°F to +185°F (-55°C to +85°C)
The following functions
available in single pole.
None - indicates no
mechanical position.
Off -
indicates a mechanical
position with no
electrical connection.
(On) - indicates momentary
connection.
FUNCTION CHART
D
2 Positions
On
None
On
E
3 Positions
On
Off
On
F
2 Positions
On
None (On)
G
3 Positions
(On)
Off
(On)
Terminals Connected
1-2
-
2-3
High Temperature
Polyester Housing
Tin-Lead Plated
Terminals Standard
(0.4 VA Rating Only)
95% Solder Coverage
Standard
Epoxy Sealed
Terminals
Ultrasonic
Weld
O-Ring Seal at
Toggle Bushing
Interface
No. of
Contact
Contact
Bushing
Model
Poles
Rating
Function
Plating
Terminations
Actuator
(Plain)
11
G
PART NUMBERING MATRIX
TST
D on none on
E on off on
F on none(on)
G (on) off (on)
PC
RA
VRA
P.C.
Right Angle
Vertical
Right Angle
SurfaceMount
Surface
Mount R.A.
SurfaceMount
R.A. Butt
SPC
SRA
SRAB
D
1
.206”
2
.250”
4
.400”
APPLICATION NOTE:
For sealed pushbutton switches, see page D3 - D5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com