Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE10SA Datasheet(PDF) 160 Page - Tyco Electronics

Part # ADE10SA
Description  DIP Switches
PDF  326 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADE10SA Datasheet(HTML) 160 Page - Tyco Electronics

Back Button ADE10SA Datasheet HTML 156Page - Tyco Electronics ADE10SA Datasheet HTML 157Page - Tyco Electronics ADE10SA Datasheet HTML 158Page - Tyco Electronics ADE10SA Datasheet HTML 159Page - Tyco Electronics ADE10SA Datasheet HTML 160Page - Tyco Electronics ADE10SA Datasheet HTML 161Page - Tyco Electronics ADE10SA Datasheet HTML 162Page - Tyco Electronics ADE10SA Datasheet HTML 163Page - Tyco Electronics ADE10SA Datasheet HTML 164Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 326 page
background image
E15
E
E15
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
E15
FSM1LP Series
Tactile Switches, .236 [6] x .236 [6], Low Profile, Surface Mount
MATERIAL SPECIFICATIONS:
Contacts ..................................Copper Alloy, silver clad plated
Case Material ..........................PPS
Stem ........................................PPS
Cover........................................Steel, tin-plate
Terminals ................................Copper alloy, silver plated
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature............-4ºF to +185°F (-20°C to +85ºC )
Storage Temperature................-22°F to +185°F (-30°C to +85°C)
Solder Heat Resistance ............IR Soldering EIA-364-56
Procedure 5 Level 2, 464°F (240°C)
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ........................50mA @ 12 VDC
Initial Contact Resistance ........100 Milliohms max.
Insulation Resistance ..............100 Megohms min. @ 100 VDC
Dielectric Strength ..................500 VAC. 1 minute
Actuation Force ......................See Below.
Life Expectancy ......................Up to 100,000 Cycles
FSM1LP
FSM4LP
.315
(8.00)
.236
(5.99)
.177
(4.49)
.118
(3.00)
.394
(10.00)
.232
(5.89)
.122
(3.09)
.268
(6.80)
.055
(1.39)
.122
(3.09)
.102
(2.82)
.122
(3.09)
.154
(3.91)
.134
(3.40)
.244
(6.19)
.028
(0.71)
.028
(0.71)
TYP.
TERMINAL
CASE
COVER
(GROUND)
STEM
.394
(10.00)
.268
(6.80)
.028
(0.70)
.177
(4.50)
.268
(6.80)
.244
(6.20)
.102
(2.60)
.169
(4.30)
.315
(8.00)
.232
(5.90)
.122
(3.10)
.012
(0.30)
.020
(0.50)
.118
(3.00)
Dia.
PCB Land Dimension
Tyco
Actuator
Electronics
Alcoswitch
Force
Packaging
1-1437565-6
FSM1LP
160
Bulk
1-1437565-7
FSM1LPA
260
Bulk
1-1437565-9
FSM1LPTR
160
Tape & Reel
1-1437565-8
FSM1LPATR
260
Tape & Reel
1571621-1
FSM4LP
260
Bulk
4-1437565-3
FSM4LPTR
260
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com