Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7671AST Datasheet(PDF) 11 Page - Analog Devices

Part # AD7671AST
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671AST Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7671AST Datasheet HTML 7Page - Analog Devices AD7671AST Datasheet HTML 8Page - Analog Devices AD7671AST Datasheet HTML 9Page - Analog Devices AD7671AST Datasheet HTML 10Page - Analog Devices AD7671AST Datasheet HTML 11Page - Analog Devices AD7671AST Datasheet HTML 12Page - Analog Devices AD7671AST Datasheet HTML 13Page - Analog Devices AD7671AST Datasheet HTML 14Page - Analog Devices AD7671AST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. B
AD7671
–11–
50
40
30
20
10
0
0
50
100
150
200
CL – pF
TPC 13. Typical Delay vs. Load Capacitance CL
SAMPLING RATE – SPS
0.001
0.01
0.1
0
10
100
1000
10000
100000
110
100
1000
10000
100000
1000000
AVDD, WARP/NORMAL
DVDD, WARP/NORMAL
AVDD, IMPULSE
DVDD, IMPULSE
OVDD, ALL MODES
TPC 14. Operating Currents vs. Sample Rate
1000
900
800
700
600
500
400
300
200
100
0
–55
–35
–15
5
25
45
65
85
105
TEMPERATURE – C
DVDD
AVDD
OVDD
TPC 15. Power-Down Operating Currents vs. Temperature
TEMPERATURE – C
10
–10
–55
125
–35
–15
5
25
456585105
8
0
–4
–6
–8
6
4
–2
2
OFFSET
–FS
+FS
TPC 16. +FS, Offset, and –FS vs. Temperature
CIRCUIT INFORMATION
The AD7671 is a fast, low power, single-supply, precise 16-bit
analog-to-digital converter (ADC). The AD7671 features different
modes to optimize performances according to the applications.
In Warp Mode, the AD7671 is capable of converting 1,000,000
samples per second (1 MSPS).
The AD7671 provides the user with an on-chip track-and-hold,
successive approximation ADC that does not exhibit any pipeline
or latency, making it ideal for multiple multiplexed channel
applications.
It is specified to operate with both bipolar and unipolar input
ranges by changing the connection of its input resistive scaler.
The AD7671 can be operated from a single 5 V supply and be
interfaced to either 5 V or 3 V digital logic. It is housed in a
48-lead LQFP package or a 48-lead LFCSP package that com-
bines space savings and flexible configurations as either serial
or parallel interface. The AD7671 is a pin-to-pin compatible
upgrade of the AD7665 and AD7664.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com