Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7671AST Datasheet(PDF) 17 Page - Analog Devices

Part # AD7671AST
Description  16-Bit, 1 MSPS CMOS ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7671AST Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7671AST Datasheet HTML 13Page - Analog Devices AD7671AST Datasheet HTML 14Page - Analog Devices AD7671AST Datasheet HTML 15Page - Analog Devices AD7671AST Datasheet HTML 16Page - Analog Devices AD7671AST Datasheet HTML 17Page - Analog Devices AD7671AST Datasheet HTML 18Page - Analog Devices AD7671AST Datasheet HTML 19Page - Analog Devices AD7671AST Datasheet HTML 20Page - Analog Devices AD7671AST Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
REV. B
AD7671
–17–
DIGITAL INTERFACE
The AD7671 has a versatile digital interface; it can be interfaced
with the host system by using either a serial or parallel interface.
The serial interface is multiplexed on the parallel data bus. The
AD7671 digital interface also accommodates both 3 V or 5 V logic
by simply connecting the OVDD supply pin of the AD7671 to the
host system interface digital supply. Finally, by using the OB/
2C
input pin, straight binary and twos complement coding can be used.
The two signals
CS and RD control the interface. When at least
one of these signals is HIGH, the interface outputs are in high
impedance. Usually,
CS allows the selection of each AD7671 in
multicircuit applications and is held LOW in a single AD7671
design.
RD is generally used to enable the conversion result on
the data bus.
t1
t3
t4
t11
CNVST
BUSY
DATA BUS
CS = RD = 0
t10
PREVIOUS CONVERSION DATA
NEW DATA
Figure 13. Master Parallel Data Timing for Reading
(Continuous Read)
PARALLEL INTERFACE
The AD7671 is configured to use the parallel interface when the
SER/
PAR is held LOW. The data can be read either after each
conversion, which is during the next acquisition phase, or during
the following conversion as shown, respectively, in Figures 14 and
15. When the data is read during the conversion, however, it is
recommended that it be read-only during the first half of the con-
version phase. That avoids any potential feedthrough between
voltage transients on the digital interface and the most critical
analog conversion circuitry.
RD
BUSY
CS
CURRENT
CONVERSION
DATA BUS
t12
t13
Figure 14. Slave Parallel Data Timing for Reading (Read
after Convert)
t1
CS = 0
CNVST,
RD
PREVIOUS
CONVERSION
t3
t12
t13
t4
BUSY
DATA BUS
Figure 15. Slave Parallel Data Timing for Reading (Read
during Convert)
The BYTESWAP pin allows a glueless interface to an 8-bit bus.
As shown in Figure 16, the LSB is output on D[7:0] and the
MSB is output on D[15:8] when BYTESWAP is LOW. When
BYTESWAP is HIGH, the LSB and MSB bytes are swapped and
the LSB is output on D[15:8] and the MSB is output on D[7:0].
By connecting BYTESWAP to an address line, the 16 data bits
can be read in two bytes on either D[15:8] or D[7:0].
CS
BYTE
PINS D[15:8]
HI-Z
HIGH BYTE
LOW BYTE
HI-Z
HI-Z
HIGH BYTE
LOW BYTE
HI-Z
t
12
t
12
t
13
PINS D[7:0]
RD
Figure 16. 8-Bit Parallel Interface
SERIAL INTERFACE
The AD7671 is configured to use the serial interface when the
SER/
PAR is held HIGH. The AD7671 outputs 16 bits of data,
MSB first, on the SDOUT pin. This data is synchronized with
the 16 clock pulses provided on the SCLK pin. The output data
is valid on both the rising and falling edge of the data clock.
SLAVE SERIAL INTERFACE
External Clock
The AD7671 is configured to accept an externally supplied
serial data clock on the SCLK pin when the EXT/
INT pin is
held HIGH. In this mode, several methods can be used to read
the data. The external serial clock is gated by
CS and the data
are output when both
CS and RD are LOW. Thus, depending on
CS, the data can be read after each conversion or during the follow-
ing conversion. The external clock can be either a continuous or
discontinuous clock. A discontinuous clock can be either normally
HIGH or normally LOW when inactive. Figures 19 and 21
show the detailed timing diagrams of these methods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com