Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7910ARMZ2 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 13Page - Analog Devices AD7910ARMZ2 Datasheet HTML 14Page - Analog Devices AD7910ARMZ2 Datasheet HTML 15Page - Analog Devices AD7910ARMZ2 Datasheet HTML 16Page - Analog Devices AD7910ARMZ2 Datasheet HTML 17Page - Analog Devices AD7910ARMZ2 Datasheet HTML 18Page - Analog Devices AD7910ARMZ2 Datasheet HTML 19Page - Analog Devices AD7910ARMZ2 Datasheet HTML 20Page - Analog Devices AD7910ARMZ2 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
AD7910/AD7920
Rev. C | Page 17 of 24
VALID DATA
CS
SCLK
SDATA
110
12
14
16
AD7910/AD7920
Figure 19. Normal Mode Operation
THREE-STATE
SDATA
SCLK
CS
110
12
14
16
2
Figure 20. Entering Power-Down Mode
SCLK
CS
SDATA
THE PART
BEGINS TO
POWER UP
THE PART IS FULLY
POWERED UP WITH
VIN FULLY ACQUIRED
A
10
12
14
16
1
16
VALID DATA
INVALID DATA
1
Figure 21. Exiting Power-Down Mode
When power supplies are first applied to the AD7910/AD7920, the
ADC can power up in either power-down mode or in normal
mode. Because of this, it is best to allow a dummy cycle to elapse to
ensure the part is fully powered up before attempting a valid
conversion. Likewise, if the intention is to keep the part in power-
down mode while not in use and the user wishes the part to power
up in power-down mode, the dummy cycle can be used to ensure
the device is in power-down mode by executing a cycle such as that
shown in Figure 20. Once supplies are applied to the
AD7910/AD7920, the power-up time is the same as that when
powering up from power-down mode. It takes approximately 1 μs
to power up fully if the part powers up in normal mode. It is not
necessary to wait 1 μs before executing a dummy cycle to ensure
the desired mode of operation.
Instead, the dummy cycle can occur directly after power is
supplied to the ADC. If the first valid conversion is performed
directly after the dummy conversion, care must be taken to
ensure that adequate acquisition time is allowed. As mentioned
earlier, when powering up from the power-down mode, the part
returns to track upon the first SCLK edge applied after the
falling edge of CS. However, when the ADC powers up initially
after supplies are applied, the track-and-hold is in track. This
means, assuming the user has the facility to monitor the ADC
supply current, if the ADC powers up in the desired mode of
operation and thus a dummy cycle is not required to change
mode then a dummy cycle is required to place the track-and-
hold into track.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com