Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7910ARMZ2 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7910ARMZ2
Description  250 kSPS, 10-/12-Bit ADCs in 6-Lead SC70
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7910ARMZ2 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7910ARMZ2 Datasheet HTML 15Page - Analog Devices AD7910ARMZ2 Datasheet HTML 16Page - Analog Devices AD7910ARMZ2 Datasheet HTML 17Page - Analog Devices AD7910ARMZ2 Datasheet HTML 18Page - Analog Devices AD7910ARMZ2 Datasheet HTML 19Page - Analog Devices AD7910ARMZ2 Datasheet HTML 20Page - Analog Devices AD7910ARMZ2 Datasheet HTML 21Page - Analog Devices AD7910ARMZ2 Datasheet HTML 22Page - Analog Devices AD7910ARMZ2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7910/AD7920
Rev. C | Page 19 of 24
SERIAL INTERFACE
Figure 23 and Figure 24 show the detailed timing diagram for
serial interfacing to the AD7920 and AD7910, respectively. The
serial clock provides the conversion clock and also controls the
transfer of information from the AD7910/AD7920 during
conversion.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode
and takes the bus out of three-state; the analog input is sampled
at that point. The conversion is also initiated at this point.
For the AD7920, the conversion requires 16 SCLK cycles to
complete. Once 13 SCLK falling edges have elapsed, track-and-
hold goes back into track on the next SCLK rising edge, as
shown in Figure 23 at Point B. On the 16th SCLK falling edge,
the SDATA line goes back into three-state. If the rising edge of
CS occurs before 16 SCLKs have elapsed then the conversion is
terminated and the SDATA line goes back into three-state;
otherwise, SDATA returns to three-state on the 16th SCLK
falling edge, as shown in Figure 23. Sixteen serial clock cycles
are required to perform the conversion process and to access
data from the AD7920.
For the AD7910, the conversion requires 14 SCLK cycles to
complete. Once 13 SCLK falling edges have elapsed, track-and-
hold goes back into track on the next SCLK rising edge, as
shown in Figure 24 at Point B.
If the rising edge of CS occurs before 14 SCLKs have elapsed, the
conversion is terminated and the SDATA line goes back into
three-state. If 16 SCLKs are used in the cycle, SDATA returns to
three-state on the 16th SCLK falling edge, as shown in Figure 24.
CS going low clocks out the first leading zero to be read in by
the microcontroller or DSP. The remaining data is then clocked
out by subsequent SCLK falling edges beginning with the
second leading zero. Thus, the first falling clock edge on the
serial clock has the first leading zero provided and also clocks
out the second leading zero. The final bit in the data transfer is
valid on the 16th falling edge, having been clocked out on the
previous (15th) falling edge.
In applications with a slower SCLK, it is possible to read in data on
each SCLK rising edge. In this case, the first falling edge of SCLK
clocks out the second leading zero, which could be read in the first
rising edge. However, the first leading zero that was clocked out
when CS went low is missed unless it was not read in the first
falling edge. The 15th falling edge of SCLK clocks out the last bit
and it could be read in the 15th rising SCLK edge.
If CS goes low just after the SCLK falling edge has elapsed, CS
clocks out the first leading zero as before, and it can be read on the
SCLK rising edge. The next SCLK falling edge clocks out the sec-
ond leading zero and it could be read on the following rising edge.
CS
SCLK
SDATA
t2
t6
t3
t4
t7
t5
t8
tCONVERT
tQUIET
ZERO
ZERO
ZERO
DB11
DB10
DB2
DB1
DB0
B
THREE-STATE
THREE-
STATE
Z
4 LEADING ZEROS
15
14
13
5
4
3
2
1
16
t1
1/THROUGHPUT
Figure 23. AD7920 Serial Interface Timing Diagram
CS
SCLK
SDATA
t2
t6
t3
t4
t7
t5
t8
tCONVERT
tQUIET
ZERO
ZERO
ZERO
DB9
DB8
DB0
ZERO
ZERO
B
THREE-STATE
THREE-
STATE
Z
4 LEADING ZEROS
2 TRAILING ZEROS
15
14
13
5
4
3
2
1
16
t1
1/THROUGHPUT
Figure 24. AD7910 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com