Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9920ABBCZRL Datasheet(PDF) 32 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 28Page - Analog Devices AD9920ABBCZRL Datasheet HTML 29Page - Analog Devices AD9920ABBCZRL Datasheet HTML 30Page - Analog Devices AD9920ABBCZRL Datasheet HTML 31Page - Analog Devices AD9920ABBCZRL Datasheet HTML 32Page - Analog Devices AD9920ABBCZRL Datasheet HTML 33Page - Analog Devices AD9920ABBCZRL Datasheet HTML 34Page - Analog Devices AD9920ABBCZRL Datasheet HTML 35Page - Analog Devices AD9920ABBCZRL Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 112 page
background image
AD9920A
Rev. B | Page 32 of 112
VERTICAL TIMING GENERATION
The AD9920A provides a flexible solution for generating vertical
CCD timing and can support multiple CCDs and different system
architectures. The vertical transfer clocks are used to shift each
line of pixels into the horizontal output register of the CCD. The
AD9920A allows these outputs to be individually programmed
into various readout configurations by using a four-step process.
Figure 41 shows an overview of how the vertical timing is
generated in four steps.
1.
The individual pulse patterns for XV1 to XV24 are created
by using the vertical pattern group registers.
2.
The V-pattern groups are used to build the V-sequences
where additional information is added.
3.
The readout for an entire field is constructed by dividing
the field into regions and then assigning a sequence to each
region. Each field can contain up to nine different regions
to accommodate the various steps of the readout, such as
high speed line shifts and unique vertical line transfers.
The total number of V-patterns, V-sequences, and fields is
programmable but limited by the number of registers.
4.
The mode registers allow the different fields to be combined
in any order for various readout configurations.
REGION 0: USE V-SEQUENCE 3
REGION 1: USE V-SEQUENCE 2
REGION 2: USE V-SEQUENCE 1
REGION 0: USE V-SEQUENCE 3
REGION 1: USE V-SEQUENCE 2
REGION 2: USE V-SEQUENCE 1
REGION 0: USE V-SEQUENCE 2
REGION 1: USE V-SEQUENCE 0
REGION 3: USE V-SEQUENCE 0
REGION 4: USE V-SEQUENCE 2
XV1
XV2
XV23
XV24
XV1
XV2
XV3
FIELD1
FIELD2
FIELD3
REGION 2: USE V-SEQUENCE 3
FIELD1
FIELD2
FIELD3
FIELD3
FIELD4
FIELD5
FIELD1
FIELD4
FIELD2
XV3
XV23
XV24
VPAT0
XV1
XV2
XV23
XV24
XV3
XV1
XV2
XV23
XV24
XV3
XV1
XV2
XV23
XV24
XV3
VPAT1
1
2
3
4
CREATE THE VERTICAL PATTERN GROUPS,
UP TO FOUR TOGGLE POSITIONS FOR EACH OUTPUT.
BUILD THE V-SEQUENCES BY ADDING START POLARITY,
LINE START POSITION, NUMBER OF REPEATS, ALTERNATION,
GROUP A/B/C/D INFORMATION, AND HBLK/CLPOB PULSES.
V-SEQUENCE 0
(VPAT0, 1 REP)
V-SEQUENCE 1
(VPAT1, 2 REP)
V-SEQUENCE 2
(VPAT1, N REP)
BUILD EACH FIELD BY DIVIDING INTO DIFFERENT REGIONS
AND ASSIGNING A DIFFERENT V-SEQUENCE TO EACH
(MAXIMUM OF NINE REGIONS IN EACH FIELD).
USE THE MODE REGISTERS TO CONTROL WHICH FIELDS
ARE USED AND IN WHAT ORDER (MAXIMUM OF SEVEN
FIELDS CAN BE COMBINED IN ANY ORDER).
Figure 41. Summary of Vertical Timing Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com