Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9920ABBCZRL Datasheet(PDF) 23 Page - Analog Devices

Part # AD9920ABBCZRL
Description  12-Bit CCD Signal Processor with V-Driver and Precision Timing Generator
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9920ABBCZRL Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9920ABBCZRL Datasheet HTML 19Page - Analog Devices AD9920ABBCZRL Datasheet HTML 20Page - Analog Devices AD9920ABBCZRL Datasheet HTML 21Page - Analog Devices AD9920ABBCZRL Datasheet HTML 22Page - Analog Devices AD9920ABBCZRL Datasheet HTML 23Page - Analog Devices AD9920ABBCZRL Datasheet HTML 24Page - Analog Devices AD9920ABBCZRL Datasheet HTML 25Page - Analog Devices AD9920ABBCZRL Datasheet HTML 26Page - Analog Devices AD9920ABBCZRL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
AD9920A
Rev. B | Page 23 of 112
HORIZONTAL CLAMPING AND BLANKING
The horizontal clamping and blanking pulses of the AD9920A are
fully programmable to suit a variety of applications. Individual
control is provided for CLPOB, PBLK, and HBLK in the different
regions of each field. This allows the dark pixel clamping and
blanking patterns to be changed at each stage of the readout to
accommodate different image transfer timing and high speed
line shifts.
Individual CLPOB and PBLK Patterns
The AFE horizontal timing consists of CLPOB and PBLK, as
shown in Figure 27. These two signals are programmed inde-
pendently using the registers shown in Table 11. The start polarity
for the CLPOB (or PBLK) signal is CLPOBPOL (PBLKPOL), and
the first and second toggle positions of the pulse are CLPOBTOG1
(PBLKTOG1) and CLPOBTOG2 (PBLKTOG2). Both signals
are active low and should be programmed accordingly.
A separate pattern for CLPOB and PBLK can be programmed
for each vertical sequence. As described in the Vertical Timing
Generation section, several V-sequences can be created, each
containing a unique pulse pattern for CLPOB and PBLK.
Figure 57 shows how the sequence change positions divide the
readout field into regions. By assigning a different V-sequence
to each region, the CLPOB and PBLK signals can change with
each change in the vertical timing.
CLPOB and PBLK Masking Areas
Additionally, the AD9920A allows the CLPOB and PBLK signals
to be disabled in certain lines in the field without changing any
of the existing CLPOB pattern settings.
To use CLPOB (or PBLK) masking, the CLPMASKSTART
(PBLKMASKSTART) and CLPMASKEND (PBLKMASKEND)
registers are programmed to specify the start and end lines in
the field where the CLPOB (PBLK) patterns are ignored. The
three sets of start and end registers allow up to three CLPOB
(PBLK) masking areas to be created.
The CLPOB and PBLK masking registers are not specific to a
certain V-sequence; they are always active for any existing field
of timing. During operation, to disable the CLPOB masking
feature, these registers must be set to the maximum value of
0x1FFF or a value greater than the programmed VD length.
Note that to disable CLPOB (or PBLK) masking during power-up,
it is recommended that CLPMASKSTART (PBLKMASKSTART)
be set to 8191 and that CLPMASKEND (PBLKMASKEND) be
set to 0. This prevents any accidental masking caused by register
update events.
Table 11. CLPOB and PBLK Pattern Registers
Register
Length
(Bits)
Range
Description
CLPOBPOL
1
High/low
Starting polarity of CLPOB for each V-sequence.
PBLKPOL
1
High/low
Starting polarity of PBLK for each V-sequence.
CLPOBTOG1
13
0 to 8191 pixel location
First CLPOB toggle position within line for each V-sequence.
CLPOBTOG2
13
0 to 8191 pixel location
Second CLPOB toggle position within line for each V-sequence.
PBLKTOG1
13
0 to 8191 pixel location
First PBLK toggle position within line for each V-sequence.
PBLKTOG2
13
0 to 8191 pixel location
Second PBLK toggle position within line for each V-sequence.
CLPMASKSTART
13
0 to 8191 line location
CLPOB masking area—starting line within field (maximum of three areas).
CLPMASKEND
13
0 to 8191 line location
CLPOB masking area—ending line within field (maximum of three areas).
PBLKMASKSTART
13
0 to 8191 line location
PBLK masking area—starting line within field (maximum of three areas).
PBLKMASKEND
13
0 to 8191 line location
PBLK masking area—ending line within field (maximum of three areas).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com