Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535EC Datasheet(PDF) 5 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 5 Page - ON Semiconductor

  PCA9535EC Datasheet HTML 1Page - ON Semiconductor PCA9535EC Datasheet HTML 2Page - ON Semiconductor PCA9535EC Datasheet HTML 3Page - ON Semiconductor PCA9535EC Datasheet HTML 4Page - ON Semiconductor PCA9535EC Datasheet HTML 5Page - ON Semiconductor PCA9535EC Datasheet HTML 6Page - ON Semiconductor PCA9535EC Datasheet HTML 7Page - ON Semiconductor PCA9535EC Datasheet HTML 8Page - ON Semiconductor PCA9535EC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
5
Table 4. DC ELECTRICAL CHARACTERISTICS VDD = 1.65 V to 5.5 V, unless otherwise specified.
Symbol
Parameter
Conditions
TA = −555C to +1255C
Unit
Min
Typ
Max
SUPPLIES
ISTB
Standby Current (Note 6)
Standby mode; no load;
VI = 0 V; fSCL = 0 Hz; I/O = inputs
VI = VDD; fSCL = 0 Hz; I/O = inputs
39
39
100
100
mA
VPOR
Power−On Reset Voltage (Note 7)
1.5
1.65
V
INPUT SCL; INPUT / OUTPUT SDA
VIH
High−Level Input Voltage
0.7 x VDD
V
VIL
Low−Level Input Voltage
0.3 x VDD
V
IOL
Low−Level Output Current
VOL = 0.4 V; VDD < 2.3 V
VOL = 0.4 V; VDD w 2.3 V
10
20
mA
IL
Leakage Current
VI = VDD or 0 V
$1
mA
CI
Input Capacitance
VI = 0 V
4.6
6
pF
I/Os
VIH
High−Level Input Voltage
0.7 x VDD
V
VIL
Low−Level Input Voltage
0.3 x VDD
V
IOL
Low−Level Output Current
(Note 8)
VOL = 0.5 V; VDD = 1.65 V
8
20
mA
VOL = 0.5 V; VDD = 2.3 V
12
28
VOL = 0.5 V; VDD = 3.0 V
17
35
VOL = 0.5 V; VDD = 4.5 V
25
42
IOL(tot)
Total Low−Level Output Current
(Note 8)
VOL = 0.5 V; VDD = 4.5 V
400
mA
VOH
High−Level Output Voltage
(PCA9535E Only)
IOH = −3 mA; VDD = 1.65 V
1.2
V
IOH = −4 mA; VDD = 1.65 V
1.1
IOH = −8 mA; VDD = 2.3 V
1.8
IOH = −10 mA; VDD = 2.3 V
1.7
IOH = −8 mA; VDD = 3.0 V
2.6
IOH = −10 mA; VDD = 3.0 V
2.5
IOH = −8 mA; VDD = 4.5 V
4.1
IOH = −10 mA; VDD = 4.5 V
4.0
IL
Input Leakage Current
VDD = 5.5 V; VI = VDD or 0 V
$1
mA
CI/O
Input / Output Capacitance
(Note 9)
3.7
5
pF
INTERRUPT (INT)
IOL
Low−Level Output Current
VOL = 0.4 V
6
mA
CO
Output Capacitance
2.1
5
pF
INPUTS AD0, AD1, AD2
VIH
High−Level Input Voltage
0.7 x VDD
V
VIL
Low−Level Input Voltage
0.3 x VDD
V
IL
Leakage Current
VI = VDD or 0 V
$1
mA
CI
Input Capacitance
2.4
5
pF
6. The device is in standby mode after an I2C stop command.
7. The power−on reset circuit resets the I2C bus logic with VDD < VPOR and set all I/Os to logic 1 upon power−up. Thereafter, VDD must
be lower than 0.2 V to reset the part.
8. Each bit must be limited to a maximum of 25 mA and the total package limited to 400 mA due to internal busing limits.
9. The value is not tested, but verified on sampling basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com