Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9535EC Datasheet(PDF) 20 Page - ON Semiconductor

Part # PCA9535EC
Description  16-bit Low-Power I/O Expander for I2C Bus withInterrupt
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PCA9535EC Datasheet(HTML) 20 Page - ON Semiconductor

Back Button PCA9535EC Datasheet HTML 12Page - ON Semiconductor PCA9535EC Datasheet HTML 13Page - ON Semiconductor PCA9535EC Datasheet HTML 14Page - ON Semiconductor PCA9535EC Datasheet HTML 15Page - ON Semiconductor PCA9535EC Datasheet HTML 16Page - ON Semiconductor PCA9535EC Datasheet HTML 17Page - ON Semiconductor PCA9535EC Datasheet HTML 18Page - ON Semiconductor PCA9535EC Datasheet HTML 19Page - ON Semiconductor PCA9535EC Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
PCA9535E, PCA9535EC
http://onsemi.com
20
PACKAGE DIMENSIONS
WQFN24 4x4, 0.5P
CASE 485BG
ISSUE A
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED TERMINAL
AND IS MEASURED BETWEEN 0.15 AND 0.30 MM
FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED PAD
AS WELL AS THE TERMINALS.
A
D
E
B
C
0.15
PIN ONE
REFERENCE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
K
D2
E2
C
C
0.15
C
0.10
C
0.08
A1
SEATING
PLANE
e
24X
NOTE 3
b
24X
0.10
C
0.05
C
A B
B
DIM
MIN
MAX
MILLIMETERS
A
0.70
0.80
A1
0.00
0.05
b
0.20
0.30
D
4.00 BSC
D2
2.00
2.20
E
4.00 BSC
E2
2.00
2.20
e
0.50 BSC
K
0.20
−−−
L
0.30
0.50
7
13
19
24X
0.50
PITCH
4.30
0.63
4.30
DIMENSIONS: MILLIMETERS
0.30
24X
1
L
A3
0.20 REF
MOUNTING FOOTPRINT*
NOTE 4
A3
DETAIL B
2.26
2.26
1
PACKAGE
OUTLINE
DETAIL A
e/2
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
L1
0.00
0.15
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PCA9535E/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com