Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAL16R4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PAL16R4
Description  LOW-POWER HIGH-PERFORMANCE IMPACT
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PAL16R4 Datasheet(HTML) 1 Page - Texas Instruments

  PAL16R4 Datasheet HTML 1Page - Texas Instruments PAL16R4 Datasheet HTML 2Page - Texas Instruments PAL16R4 Datasheet HTML 3Page - Texas Instruments PAL16R4 Datasheet HTML 4Page - Texas Instruments PAL16R4 Datasheet HTML 5Page - Texas Instruments PAL16R4 Datasheet HTML 6Page - Texas Instruments PAL16R4 Datasheet HTML 7Page - Texas Instruments PAL16R4 Datasheet HTML 8Page - Texas Instruments PAL16R4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TIBPAL16L8-25C, TIBPAL16R4-25C, TIBPAL16R6-25C, TIBPAL16R8-25C
TIBPAL16L8-30M, TIBPAL16R4-30M, TIBPAL16R6-30M, TIBPAL16R8-30M
LOW-POWER HIGH-PERFORMANCE
IMPACT ™ PAL® CIRCUITS
SRPS059A − FEBRUARY 1984 − REVISED DECEMBER 2010
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High-Performance Operation:
Propagation Delay
C Suffix . . . 25 ns Max
M Suffix...30 ns Max
D Functionally Equivalent, but Faster Than
PAL16L8A, PAL16R4A, PAL16R6A, and
PAL16R8A
D Power-Up Clear on Registered Devices (All
Register Outputs Are Set High, but Voltage
Levels at the Output Pins Go Low)
D Package Options Include Both Plastic and
Ceramic Chip Carriers in Addition to Plastic
and Ceramic DIPs
D Dependable Texas Instruments Quality and
Reliability
DEVICE
I
INPUTS
3-STATE
O
OUTPUTS
REGISTERED
Q
OUTPUTS
I/O
PORTS
PAL16L8
10
2
0
6
PAL16R4
8
0
4 (3-state
buffers)
4
PAL16R6
8
0
6 (3-state
buffers)
2
PAL16R8
8
0
8 (3-state
buffers)
0
description
These programmable array logic devices feature
high speed and functional equivalency when
compared with currently available devices. These
IMPACT™ circuits combine the latest Advanced
Low-Power Schottky technology with proven
titanium-tungsten fuses to provide reliable,
high-performance substitutes for conventional
TTL logic. Their easy programmability allows for
quick design of custom functions and typically
results in a more compact circuit board. In
addition, chip carriers are available for further
reduction in board space.
The TIBPAL16’ C series is characterized from 0°C
to 75°C. The TIBPAL16’ M series is characterized
for operation over the full military temperature
range of −55°C to 125°C.
Copyright © 2010, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
IMPACT is a trademark of Texas Instruments.
PAL is a registered trademark of Advanced Micro Devices Inc.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
I
I
I
I
I
I
I
I
I
GND
VCC
O
I/O
I/O
I/O
I/O
I/O
I/O
O
I
TIBPAL16L8’
C SUFFIX ...J OR N PACKAGE
M SUFFIX ...J OR W PACKAGE
(TOP VIEW)
4
5
6
7
8
18
17
16
15
14
I/O
I/O
I/O
I/O
I/O
I
I
I
I
I
TIBPAL16L8’
C SUFFIX . . . FN PACKAGE
M SUFFIX . . . FK PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13


Similar Part No. - PAL16R4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PAL16R4 TI-PAL16R4 Datasheet
357Kb / 18P
STANDARD HIGH-SPEED PAL CIRCUITS
logo
Advanced Micro Devices
PAL16R4 AMD-PAL16R4 Datasheet
1Mb / 33P
20-PIN TTL PROGRAMMABLE ARRAY LOGIC
logo
National Semiconductor ...
PAL16R4 NSC-PAL16R4 Datasheet
448Kb / 14P
Progammable Array Logic Series 24 (PAL Series 24)
logo
Advanced Micro Devices
PAL16R4 AMD-PAL16R4 Datasheet
271Kb / 33P
20-Pin TTL Programmable Array Logic
logo
Texas Instruments
PAL16R4 TI2-PAL16R4 Datasheet
581Kb / 31P
HIGH-PERFORMANCE IMPACT-X E PAL) CIRCUITS
REVISED SEPTEMBER 1992
More results

Similar Description - PAL16R4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIBPAL16L8-25C TI-TIBPAL16L8-25C Datasheet
287Kb / 19P
LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
LOW-POWER HIGH-PERFORMANCE IMPACT E PAL CIRCUITS
TIBPAL20L8-25C TI-TIBPAL20L8-25C Datasheet
184Kb / 17P
LOW-POWER HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16R6-15C TI-TIBPAL16R6-15C Datasheet
311Kb / 19P
HIGH-PERFORMANCE IMPACT PAL CIRCUITS
TIBPAL16L8-15M TI1-TIBPAL16L8-15M_14 Datasheet
445Kb / 19P
HIGH-PERFORMANCE IMPACT
TIBPAL20L8-7C TI1-TIBPAL20L8-7C_15 Datasheet
672Kb / 28P
HIGH-PERFORMANCE IMPACT-X
TIBPAL22V10-20M TI1-TIBPAL22V10-20M_16 Datasheet
443Kb / 19P
HIGH-PERFORMANCE IMPACT-X
TIBPAL22V10C TI1-TIBPAL22V10C_15 Datasheet
473Kb / 20P
HIGH-PERFORMANCE IMPACT
TIBPAL22VP10-20C TI1-TIBPAL22VP10-20C_15 Datasheet
448Kb / 24P
HIGH-PERFORMANCE IMPACT-X
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
Low Power High Performance Low Power High Performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com