Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS2069CDBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS2069CDBVR
Description  Current-Limited, Power-Distribution Switches
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2069CDBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS2069CDBVR Datasheet HTML 3Page - Texas Instruments TPS2069CDBVR Datasheet HTML 4Page - Texas Instruments TPS2069CDBVR Datasheet HTML 5Page - Texas Instruments TPS2069CDBVR Datasheet HTML 6Page - Texas Instruments TPS2069CDBVR Datasheet HTML 7Page - Texas Instruments TPS2069CDBVR Datasheet HTML 8Page - Texas Instruments TPS2069CDBVR Datasheet HTML 9Page - Texas Instruments TPS2069CDBVR Datasheet HTML 10Page - Texas Instruments TPS2069CDBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Charge
Pump
Driver
UVLO
Current
Limit
Thermal
Sense
9-ms
Deglitch
IN
GND
OUT
FLT
Current
Sense
OTSD
CS
EN or
EN
TPS20xxC, TPS20xxC-2
www.ti.com
SLVSAU6G – JUNE 2011 – REVISED JULY 2013
Figure 9. TPS20xxC-2 Block Diagram
DEVICE INFORMATION
PIN FUNCTIONS
NAME
PINS
DESCRIPTION
8-PIN PACKAGE
EN or EN
4
Enable input, logic high turns on power switch
GND
1
Ground connection
IN
2, 3
Input voltage and power-switch drain; connect a 0.1 µF or greater ceramic capacitor from IN to GND close
to the IC
FLT
5
Active-low open-drain output, asserted during over-current, or over-temperature conditions
OUT
6, 7, 8
Power-switch output, connect to load
PowerPAD
PAD
Internally connected to GND. Connect PAD to GND plane as a heatsink for the best thermal performance.
(DGN ONLY)
PAD may be left floating if desired. See POWER DISSIPATION AND JUNCTION TEMPERATURE section
for guidance.
5-PIN PACKAGE
EN or EN
4
Enable input, logic high turns on power switch
GND
2
Ground connection
IN
5
Input voltage and power-switch drain; connect a 0.1 µF or greater ceramic capacitor from IN to GND close
to the IC
FLT
3
Active-low open-drain output, asserted during over-current, or over-temperature conditions
OUT
1
Power-switch output, connect to load.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com