Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7700CPWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CPWR
Description  SUPPLY-VOLTAGE SUPERVISOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700CPWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TL7700CPWR Datasheet HTML 7Page - Texas Instruments TL7700CPWR Datasheet HTML 8Page - Texas Instruments TL7700CPWR Datasheet HTML 9Page - Texas Instruments TL7700CPWR Datasheet HTML 10Page - Texas Instruments TL7700CPWR Datasheet HTML 11Page - Texas Instruments TL7700CPWR Datasheet HTML 12Page - Texas Instruments TL7700CPWR Datasheet HTML 13Page - Texas Instruments TL7700CPWR Datasheet HTML 14Page - Texas Instruments TL7700CPWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
tpo
tpo
RESET
Vhys
VCC
1.5 V
T
T
Vs’
TL7700
www.ti.com
SLVS220F
– JULY 1999 – REVISED AUGUST 2011
A.
The sense voltage, Vs', is different from the SENSE terminal input voltage, Vs. Vs normally is 500 mV for triggering.
Figure 20. VCC-RESET Timing Chart
Output Pulse-Duration Setting
Constant-current charging starts on the timing capacitor when the sensing-line voltage reaches the TL7700
sense voltage. When the capacitor voltage exceeds the threshold level of the output drive comparator, RESET
changes from a low to a high level. The output pulse duration is the time between the point when the sense-pin
voltage exceeds the threshold level and the point when the RESET output changes from a low level to a high
level. When the TL7700 is used for system power-on reset, the output pulse duration, tpo, must be set longer
than the power rise time. The value of tpo is:
tpo = Ct × 10
5 seconds
Where:
Ct is the timing capacitor in farads
There is a limit on the device response speed. Even if Ct = 0, tpo is not 0, but approximately 5 μs to 10 μs.
Therefore, when the TL7700 is used as a comparator with hysteresis without connecting Ct, switching speeds
(tr/tf, tpo/tpd, etc.) must be considered.
Copyright
© 1999–2011, Texas Instruments Incorporated
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com