Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL7700CPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TL7700CPWR
Description  SUPPLY-VOLTAGE SUPERVISOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL7700CPWR Datasheet(HTML) 3 Page - Texas Instruments

  TL7700CPWR Datasheet HTML 1Page - Texas Instruments TL7700CPWR Datasheet HTML 2Page - Texas Instruments TL7700CPWR Datasheet HTML 3Page - Texas Instruments TL7700CPWR Datasheet HTML 4Page - Texas Instruments TL7700CPWR Datasheet HTML 5Page - Texas Instruments TL7700CPWR Datasheet HTML 6Page - Texas Instruments TL7700CPWR Datasheet HTML 7Page - Texas Instruments TL7700CPWR Datasheet HTML 8Page - Texas Instruments TL7700CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
TL7700
www.ti.com
SLVS220F
– JULY 1999 – REVISED AUGUST 2011
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VCC
Supply voltage(2)
41 V
Vs
Sense input voltage range
–0.3 V to 41 V
VOH
Output voltage (off state)
41 V
IOL
Output current (on state)
5 mA
P package
85
°C/W
PS package
95
°C/W
θJA
Package thermal impedance(3) (4)
PW package
149
°C/W
DGK package
172
°C/W
TJ
Operating virtual-junction temperature
150
°C
Tstg
Storage temperature range
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal.
(3)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
VCC
Supply voltage
1.8
40
V
IOL
Low-level output current
3
mA
TA
Operating free-air temperature
–40
85
°C
ELECTRICAL CHARACTERISTICS
VCC = 3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
495
500
505
Vs
SENSE input voltage
mV
–40°C to 85°C
490
510
25
°C
2
2.5
3
Is
SENSE input current
Vs = 0.4 V
μA
–40°C to 85°C
1.5
3.5
ICC
Supply current
VCC = 40 V, Vs = 0.6 V, No load
25
°C
0.6
1
mA
IOL = 1.5 mA
25
°C
0.4
VOL
Low-level output voltage
V
IOL = 3 mA
25
°C
0.8
IOH
High-level output current
VOH = 40 V, Vs = 0.6 V
–40°C to 85°C
1
μA
ICT
Timing-capacitor charge current
Vs = 0.6 V
25
°C
11
15
19
μA
SWITCHING CHARACTERISTICS
VCC = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpi
SENSE pulse duration
CT = 0.01 μF
2
μs
tpo
Output pulse duration
CT = 0.01 μF
0.5
1
1.5
ms
tr
Output rise time
CT = 0.01 μF, RL = 2.2 kΩ, CL = 100 pF
15
μs
tf
Output fall time
CT = 0.01 μF, RL = 2.2 kΩ, CL = 100 pF
0.5
μs
tpd
Propagation delay time, SENSE to output
CT = 0.01 μF
10
μs
Copyright
© 1999–2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com