Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1100ERGPR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 2 Page - Texas Instruments

  CC1100ERGPR Datasheet HTML 1Page - Texas Instruments CC1100ERGPR Datasheet HTML 2Page - Texas Instruments CC1100ERGPR Datasheet HTML 3Page - Texas Instruments CC1100ERGPR Datasheet HTML 4Page - Texas Instruments CC1100ERGPR Datasheet HTML 5Page - Texas Instruments CC1100ERGPR Datasheet HTML 6Page - Texas Instruments CC1100ERGPR Datasheet HTML 7Page - Texas Instruments CC1100ERGPR Datasheet HTML 8Page - Texas Instruments CC1100ERGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
CC1100E
SWRS082
Page 2 of 92
Key Features
RF Performance
High sensitivity (–112 dBm at 1.2 kBaud,
480 MHz, 1% packet error rate)
Low current consumption (15.5 mA in RX,
1.2 kBaud, 480 MHz)
Programmable output power up to +10
dBm for all supported frequencies
Excellent receiver selectivity and blocking
performance
Programmable data rate from 1.2 to 500
kBaud
Frequency bands: 470-510 MHz and 950-
960 MHz
Analog Features
2-FSK, GFSK, and MSK supported as well
as OOK and flexible ASK shaping
Suitable for frequency hopping systems
due
to
a
fast
settling
frequency
synthesizer; 90
μs settling time
Automatic
Frequency
Compensation
(AFC) can be used to align the frequency
synthesizer to the actual received signal
center frequency
Integrated analog temperature sensor
Digital Features
Flexible
support
for
packet
oriented
systems; On-chip support for sync word
detection, address check, flexible packet
length, and automatic CRC handling
Efficient SPI interface; All registers can be
programmed with one “burst” transfer
Digital RSSI output
Programmable channel filter bandwidth
Programmable
Carrier
Sense
(CS)
indicator
Programmable Preamble Quality Indicator
(PQI) for improved protection against false
sync word detection in random noise
Support
for
automatic
Clear
Channel
Assessment (CCA) before transmitting (for
listen-before-talk systems)
Support
for
per-package
Link
Quality
Indication (LQI)
Optional automatic whitening and de-
whitening of data
Low-Power Features
400 nA sleep mode current consumption
Fast start-up time; 240
μs from sleep to
RX
or TX mode
(measured
on
EM
reference design [3] and [4])
Wake-on-radio functionality for automatic
low-power RX polling
Separate 64-byte RX and TX data FIFOs
(enables burst mode data transmission)
General
Few external components; Completely on-
chip frequency synthesizer, no external
filters or RF switch needed
Green package: RoHS compliant and no
antimony or bromine
Small size (QFN 4x4 mm package, 20
pins)
Suited for systems targeting compliance
with ARIB STD-T96
Suited for systems targeting compliance
with the Chinese Short Range Device
Regulations at 470-510 MHz
Support
for
asynchronous
and
synchronous serial receive/transmit mode
for backwards compatibility with existing
radio communication protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com