Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1100ERGPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CC1100ERGPR
Description  Low-Power Sub-GHz RF Transceiver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1100ERGPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC1100ERGPR Datasheet HTML 17Page - Texas Instruments CC1100ERGPR Datasheet HTML 18Page - Texas Instruments CC1100ERGPR Datasheet HTML 19Page - Texas Instruments CC1100ERGPR Datasheet HTML 20Page - Texas Instruments CC1100ERGPR Datasheet HTML 21Page - Texas Instruments CC1100ERGPR Datasheet HTML 22Page - Texas Instruments CC1100ERGPR Datasheet HTML 23Page - Texas Instruments CC1100ERGPR Datasheet HTML 24Page - Texas Instruments CC1100ERGPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
CC1100E
SWRS082
Page 21 of 92
Antenna
(50 Ohm)
1.8V-3.6V power supply
1 SCLK
2 SO
(GDO1)
3 GDO2
4 DVDD
5 DCOUPL
AVDD 15
AVDD 14
RF_N 13
RF_P 12
AVDD 11
XTAL
L122
L123
C122
C123
C125
R171
C81
C101
C51
CSn
GDO0
(optional)
GDO2
(optional)
SO
(GDO1)
SCLK
SI
CC1100E
DIE ATTACH PAD:
C131
C121
L121
L131
C124
Figure 6: Typical Application and Evaluation Circuit 470 MHz (excluding supply decoupling
capacitors)
Figure 7: Typical Application and Evaluation Circuit 950 MHz (excluding supply decoupling
capacitors)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com