Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101S06V Datasheet(PDF) 10 Page - Sharp Corporation

Part # S101S06V
Description  IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S06V Datasheet(HTML) 10 Page - Sharp Corporation

Back Button S101S06V Datasheet HTML 5Page - Sharp Corporation S101S06V Datasheet HTML 6Page - Sharp Corporation S101S06V Datasheet HTML 7Page - Sharp Corporation S101S06V Datasheet HTML 8Page - Sharp Corporation S101S06V Datasheet HTML 9Page - Sharp Corporation S101S06V Datasheet HTML 10Page - Sharp Corporation S101S06V Datasheet HTML 11Page - Sharp Corporation S101S06V Datasheet HTML 12Page - Sharp Corporation S101S06V Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
■ Manufacturing Guidelines
● Soldering Method
Flow Soldering (No solder bathing)
Flow soldering should be completed below 260˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please solder within one time.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
10
S101S06V Series
S201S06V Series
Sheet No.: D4-A02201EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com