Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101S06V Datasheet(PDF) 12 Page - Sharp Corporation

Part # S101S06V
Description  IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S101S06V Datasheet(HTML) 12 Page - Sharp Corporation

Back Button S101S06V Datasheet HTML 5Page - Sharp Corporation S101S06V Datasheet HTML 6Page - Sharp Corporation S101S06V Datasheet HTML 7Page - Sharp Corporation S101S06V Datasheet HTML 8Page - Sharp Corporation S101S06V Datasheet HTML 9Page - Sharp Corporation S101S06V Datasheet HTML 10Page - Sharp Corporation S101S06V Datasheet HTML 11Page - Sharp Corporation S101S06V Datasheet HTML 12Page - Sharp Corporation S101S06V Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
■ Package specification
12
Molt plane
Partition
Pad
Packing case
Cushioning material
Product
S101S06V Series
S201S06V Series
Sheet No.: D4-A02201EN
Package materials
Packing case : Corrugated cardboard
Partition : Corrugated cardboard
Pad : Corrugated cardboard
Cushioning material : Polyethylene
Molt plane : Urethane
Package method
The product should be located after the packing case is partitioned and protected inside by 4 pads.
Each partition should have 5 products with the lead upward.
Cushioning material and molt plane should be located after all products are settled (1 packing contains 200
pcs).
Package composition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com