Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81108NIP0F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC81108NIP0F
Description  DIP 4pin High Speed under High Load Resistance Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81108NIP0F Datasheet(HTML) 1 Page - Sharp Corporation

  PC81108NIP0F Datasheet HTML 1Page - Sharp Corporation PC81108NIP0F Datasheet HTML 2Page - Sharp Corporation PC81108NIP0F Datasheet HTML 3Page - Sharp Corporation PC81108NIP0F Datasheet HTML 4Page - Sharp Corporation PC81108NIP0F Datasheet HTML 5Page - Sharp Corporation PC81108NIP0F Datasheet HTML 6Page - Sharp Corporation PC81108NIP0F Datasheet HTML 7Page - Sharp Corporation PC81108NIP0F Datasheet HTML 8Page - Sharp Corporation PC81108NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC8110)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Home appliances
■ Applications
DIP 4pin
High Speed under High Load Resistance
Photocoupler
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow
Soldering)
3. High speed response at turn-off time due to built-in
schottky barrier diode (at saturation mode)
4. High isolation voltage between input and output
(Viso(rms) : 5kV)
5. Lead-free and RoHS directive compliant
■ Description
PC8110xNSZ0F Series contains an IRED optically
coupled to a phototransistor built-in schottky barrier
diode.
It is packaged in a 4-pin DIP, and SMT gullwing
lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
CTR is 50% to 400% at input current of 5mA.
1
Sheet No.: D2-A03802EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC8110xNSZ0F
Series
PC8110xNSZ0F Series


Similar Part No. - PC81108NIP0F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC8110GR-E1 RENESAS-PC8110GR-E1 Datasheet
410Kb / 30P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - PC81108NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
High Speed Under High Load Resistance Photocoupler
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC851X SHARP-PC851X Datasheet
215Kb / 14P
DIP 4pin High Collector-emitter Voltage Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com