Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC81108NIP0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC81108NIP0F
Description  DIP 4pin High Speed under High Load Resistance Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81108NIP0F Datasheet(HTML) 4 Page - Sharp Corporation

  PC81108NIP0F Datasheet HTML 1Page - Sharp Corporation PC81108NIP0F Datasheet HTML 2Page - Sharp Corporation PC81108NIP0F Datasheet HTML 3Page - Sharp Corporation PC81108NIP0F Datasheet HTML 4Page - Sharp Corporation PC81108NIP0F Datasheet HTML 5Page - Sharp Corporation PC81108NIP0F Datasheet HTML 6Page - Sharp Corporation PC81108NIP0F Datasheet HTML 7Page - Sharp Corporation PC81108NIP0F Datasheet HTML 8Page - Sharp Corporation PC81108NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sheet No.: D2-A03802EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse Current
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Collector current
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
MIN.
−
−
−
−
2.5
−
5
×10
10
−
−
−
TYP.
1.2
−
30
−
−
−
0.15
1011
0.6
3
2
MAX.
1.4
10
250
100
−
20
0.35
−
1.0
20
10
Unit
V
V
µA
pF
nA
mA
V
Ω
pF
−
213
−
950
−
23
90
µs
−
313
−
10
50
−
27
100
Symbol
VF
IR
Ct
ICEO
BVCEO
IC
VCE (sat)
Cf
tr
tf
ton
ts
toff
ton
ts
toff
RISO
Not saturated
Saturated 1
Saturated 2
Rise time
Fall time
Turn-on time
Storage time
Turn-off time
Turn-on time
Storage time
Turn-off time
Input
Output
IF
=20mA
VR
=4V
Peak forward voltage
−−
3.0
V
VFM
IFM
=0.5A
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IF
=5mA, VCE=5V
DC500V, 40 to 60%RH
VCE
=2V, IC=2mA, RL=100Ω
VCC
=5V, IC=20mA, RL=10kΩ
VCC
=5V, IC=20mA, RL=100kΩ
V
=0, f=1MHz
IF
=20mA, IC=1mA
70
(Ta
=25˚C)
*4
*4 The collector-emitter voltage has negative resistance characteristics since this device has built-in base-emitter resistor.
Therefore, please be careful not to provide the voltage that goes beyond absolute maximum ratings.
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f=60Hz
*3 For 10s
Rating
50
1.0
70
Reverse voltage
V
VR
6
70
0.1
30
150
200
−30 to +100
−55 to +125
260
5.0
kV
4
PC8110xNSZ0F Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com