Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX975ESA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX975ESA
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975ESA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX975ESA Datasheet HTML 1Page - Maxim Integrated Products MAX975ESA Datasheet HTML 2Page - Maxim Integrated Products MAX975ESA Datasheet HTML 3Page - Maxim Integrated Products MAX975ESA Datasheet HTML 4Page - Maxim Integrated Products MAX975ESA Datasheet HTML 5Page - Maxim Integrated Products MAX975ESA Datasheet HTML 6Page - Maxim Integrated Products MAX975ESA Datasheet HTML 7Page - Maxim Integrated Products MAX975ESA Datasheet HTML 8Page - Maxim Integrated Products MAX975ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.25V, specifications are for high-speed mode, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
CLOAD = 10pF,
VCC = 5V
ISINK = 2mA, all modes
High-speed mode,
overdrive = 5mV
Low-power mode,
overdrive = 10mV
ISOURCE = 2mA, all modes
CONDITIONS
µs
0.82
1.6
ns
28
50
tPD+
Propagation Delay, Low to High
(Note 6)
V
0.1
0.4
VOL
OUT_ Output Voltage Low
V
0.7 x VCC
VCC /2
VLPIH
LP Input Voltage High
V
VCC - 0.4 VCC - 0.1
VOH
OUT_ Output Voltage High
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
VCC / 2
0.3 x VCC
VLPIL
LP Input Voltage Low
µA
(Note 5)
0.01
±1
ILPB
LP Input Current
µs
10
tLP
LP Fall Time
VCC = 3V
µA
0.15
ISTO
STO_ Source Current
V
VCC / 2
0.3 x VCC
VCIL
STO_ Input Voltage Low
CLOAD = 10pF,
VCC = 5V
High-speed mode,
overdrive = 5mV
Low-power mode,
overdrive = 10mV
µs
0.48
1.6
ns
28
50
tPD-
Propagation Delay, High to Low
(Note 6)
CLOAD = 10pF
ns
2
tSKEW
Propagation-Delay Skew (Note 6)
MAX977 only, CLOAD = 10pF
ns
1
∆tPD
Propagation-Delay Matching
CLOAD = 10pF,
VCC = 5.0V
High-speed mode
Low-power mode
1.6
ns
1.6
Rise/Fall Time
ISOURCE = 3mA, all modes
V
VCC - 0.4
VSH
STAT_ Output Voltage High
ISINK = 400µA, all modes
V
0.4
VSL
STAT_ Output Voltage Low
DIGITAL INPUTS
DIGITAL OUTPUTS
Note 1: The MAX975EUA is 100% production tested at TA = +25
°C; all temperature specifications are guaranteed by design.
Note 2: Inferred by CMRR. Either input can be driven to the absolute maximum limit without false output inversion, as long as the
other input is within the specified common-mode input voltage range.
Note 3: VOS is defined as the mean of trip points. The trip points are the extremities of the differential input voltage required to make
the comparator output change state (Figure 1).
Note 4: The difference between the upper and lower trip points is equal to the width of the input-referred hysteresis zone (Figure 1).
Note 5: Guaranteed by design. The LP pin is sensitive to noise. If fall times larger than 10µs are expected, bypass LP to ground
using a 0.1µF capacitor.
Note 6: Propagation delay is guaranteed by design. For low-overdrive conditions, VOS is added to the overdrive. The following
equation defines propagation-delay skew: tSKEW = tPD+ - tPD-.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com