Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX975ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX975ESA
Description  Single/Dual, 3V/5V Dual-Speed Comparators with Auto-Standby
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX975ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX975ESA Datasheet HTML 1Page - Maxim Integrated Products MAX975ESA Datasheet HTML 2Page - Maxim Integrated Products MAX975ESA Datasheet HTML 3Page - Maxim Integrated Products MAX975ESA Datasheet HTML 4Page - Maxim Integrated Products MAX975ESA Datasheet HTML 5Page - Maxim Integrated Products MAX975ESA Datasheet HTML 6Page - Maxim Integrated Products MAX975ESA Datasheet HTML 7Page - Maxim Integrated Products MAX975ESA Datasheet HTML 8Page - Maxim Integrated Products MAX975ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Single/Dual, +3V/+5V Dual-Speed
Comparators with Auto-Standby
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.25V, specifications are for high-speed mode, TA = -40°C to +85°C, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
CONDITIONS
(Note 9)
10mV overdrive (Note 10)
µs
(Note 8)
3
tASB
Auto-Standby Timeout
tASBE
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Auto-Standby Enable Time
µs
24
tASD
Auto-Standby Wake-Up Time
10mV overdrive (Note 11)
(Note 12)
µs
1.6
tPWD
Auto-Standby Wake-Up Input
or LP Pulse Width
µs
0.8
tASCD
Auto-Standby Comparator
Disable
(Note 13)
µs
3
tLPE
Low-Power Enable Time
(Note 14)
µs
1.1
4
tHSE
High-Speed Enable Time
(Note 15)
µs
0.7
tLPCD
Low-Power Comparator Disable
(Note 16)
ns
20
tLPSH
Low-Power STAT_ High
AUTO-STANDBY/LOW-POWER TIMING (Note 7; Figure 2)
Note 7:
Timing specifications are guaranteed by design.
Note 8:
Set by 1000pF external capacitor at the STO_ pin. tASB is defined as the time from last input transition to STAT_ = high.
Does not include time to go into standby condition (tASBE).
Note 9:
tASBE is defined as the time from when STAT_ goes high to when the supply current drops to 5
µA.
Note 10: tASD is defined as the time from the last input transition to when STAT_ goes low. The comparator is in high-speed mode
before STAT_ is low.
Note 11: tPWD is defined as the minimum input or LP pulse width to trigger fast-mode operation from auto-standby.
Note 12: tASCD is defined as the time from the last input transition to when the supply current increases to 300
µA.
Note 13: tLPE is defined as the time from when LP is driven high to when the supply current drops to 5
µA.
Note 14: tHSE is defined as the time from when LP goes low to when STAT goes low. The comparator is in high-speed mode before
STAT_ is low.
Note 15: tLPCD is defined as the time from when LP goes low to when the supply current increases to 300
µA.
Note 16: tLPSH is defined as the time from when LP goes high to when STAT_ goes high.
ms
510
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com