Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD573SD Datasheet(PDF) 10 Page - Analog Devices

Part # AD573SD
Description  10-Bit A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD573SD Datasheet(HTML) 10 Page - Analog Devices

Back Button AD573SD Datasheet HTML 2Page - Analog Devices AD573SD Datasheet HTML 3Page - Analog Devices AD573SD Datasheet HTML 4Page - Analog Devices AD573SD Datasheet HTML 5Page - Analog Devices AD573SD Datasheet HTML 6Page - Analog Devices AD573SD Datasheet HTML 7Page - Analog Devices AD573SD Datasheet HTML 8Page - Analog Devices AD573SD Datasheet HTML 9Page - Analog Devices AD573SD Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AD573
-10-
REV. B
COMPLIANT TO JEDEC STANDARDS MO-047-AA
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.020 (0.50)
R
BOTTOM
VIEW
(PINS UP)
0.021 (0.53)
0.013 (0.33)
0.330 (8.38)
0.290 (7.37)
0.032 (0.81)
0.026 (0.66)
0.056 (1.42)
0.042 (1.07)
0.20 (0.51)
MIN
0.120 (3.04)
0.090 (2.29)
3
4
19
18
8
9
14
13
TOP VIEW
(PINS DOWN)
0.395 (10.03)
0.385 (9.78)
SQ
0.356 (9.04)
0.350 (8.89)
SQ
0.048 (1.22 )
0.042 (1.07)
0.048 (1.22)
0.042 (1.07)
0.020
(0.51)
R
0.050
(1.27)
BSC
0.180 (4.57)
0.165 (4.19)
0.045 (1.14)
0.025 (0.64)
R
PIN 1
IDENTIFIER
Figure 20. 20-Lead Plastic Leaded Chip Carrier [PLCC]
(P-20)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
5962-8850501RA
–55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573JD
0°C to +70°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573JN
0°C to +70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD573JNZ
0°C to +70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD573JP
0°C to +70°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
AD573JPZ
0°C to +70°C
20-Lead Plastic Leaded Chip Carrier [PLCC]
P-20
AD573KD
0°C to +70°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573KNZ
0°C to +70°C
20-Lead Plastic Dual In-Line Package [PDIP]
N-20
AD573SD
–55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
AD573SD/883B
–55°C to +125°C
20-Lead Side-Brazed Ceramic Dual In-Line Package [SBDIP]
D-20
1 Z = RoHS Compliant Part.
REVISION HISTORY
4/12—Rev. A to Rev. B
Changes to Temperature Coefficients Full-Scale Calibration
Parameter........................................................................................... 2
Updated Outline Dimensions ......................................................... 9
Moved Ordering Guide; Added Revision History Section ......... 9
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D
10740-0-4/12(B)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com