Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD573SD Datasheet(PDF) 1 Page - Analog Devices

Part # AD573SD
Description  10-Bit A/D Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD573SD Datasheet(HTML) 1 Page - Analog Devices

  AD573SD Datasheet HTML 1Page - Analog Devices AD573SD Datasheet HTML 2Page - Analog Devices AD573SD Datasheet HTML 3Page - Analog Devices AD573SD Datasheet HTML 4Page - Analog Devices AD573SD Datasheet HTML 5Page - Analog Devices AD573SD Datasheet HTML 6Page - Analog Devices AD573SD Datasheet HTML 7Page - Analog Devices AD573SD Datasheet HTML 8Page - Analog Devices AD573SD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FUNCTIONAL BLOCK DIAGRAM
BURIED ZENER REF
COMP-
ARATOR
ANALOG
IN
DB9
HIGH
BYTE
10-BIT
CURRENT
OUTPUT
DAC
V+
V–
DIGITAL
COMMON
CONVERT
INT
CLOCK
10-BIT
SAR
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
HBE
LBE
MSB
LSB
LOW
BYTE
ANALOG
COMMON
BIPOLAR
OFFSET
CONTROL
DATA
READY
AD573
5k
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
10-Bit A/D Converter
AD573
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
FEATURES
Complete 10-Bit A/D Converter with Reference, Clock
and Comparator
Full 8- or 16-Bit Microprocessor Bus Interface
Fast Successive Approximation Conversion—20
s typ
No Missing Codes Over Temperature
Operates on +5 V and –12 V to –15 V Supplies
Low Cost Monolithic Construction
PRODUCT DESCRIPTION
The AD573 is a complete 10-bit successive approximation
analog-to-digital converter consisting of a DAC, voltage refer-
ence, clock, comparator, successive approximation register
(SAR) and three state output buffers—all fabricated on a single
chip. No external components are required to perform a full
accuracy 10-bit conversion in 20
µs.
The AD573 incorporates advanced integrated circuit design and
processing technologies. The successive approximation function
is implemented with I
2L (integrated injection logic). Laser trim-
ming of the high stability SiCr thin-film resistor ladder network
insures high accuracy, which is maintained with a temperature
compensated subsurface Zener reference.
Operating on supplies of +5 V and –12 V to –15 V, the AD573
will accept analog inputs of 0 V to +10 V or –5 V to +5 V. The
trailing edge of a positive pulse on the CONVERT line initiates
the 20
µs conversion cycle. DATA READY indicates completion
of the conversion. HIGH BYTE ENABLE (HBE) and LOW
BYTE ENABLE
(LBE) control the 8-bit and 2-bit three state
output buffers.
The AD573 is available in two versions for the 0
°C to +70°C
temperature range, the AD573J and AD573K. The AD573S
guarantees
±1 LSB relative accuracy and no missing codes from
–55
°C to +125°C.
Three package configurations are offered. All versions are offered
in a 20-pin hermetically sealed ceramic DIP. The AD573J and
AD573K are also available in a 20-pin plastic DIP or 20-pin
leaded chip carrier.
PRODUCT HIGHLIGHTS
l. The AD573 is a complete 10-bit A/D converter. No external
components are required to perform a conversion.
2. The AD573 interfaces to many popular microprocessors
without external buffers or peripheral interface adapters. The
10 bits of output data can be read as a 10-bit word or as 8-
and 2-bit words.
3. The device offers true 10-bit accuracy and exhibits no miss-
ing codes over its entire operating temperature range.
4. The AD573 adapts to either unipolar (0 V to +10 V) or
bipolar (–5 V to +5 V) analog inputs by simply grounding or
opening a single pin.
5. Performance is guaranteed with +5 V and –12 V or –15 V
supplies.
6. The AD573 is available in a version compliant with MIL-STD-
883. Refer to the Analog Devices Military Products Data-
book or current /883B data sheet for detailed specifications.
REV. B
Tel: 781.329.4700
Fax: 781.461.3113


Similar Part No. - AD573SD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD573SD AD-AD573SD Datasheet
327Kb / 8P
10-Bit A/D Converter
AD573SD AD-AD573SD Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
AD573SD/883B AD-AD573SD/883B Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
More results

Similar Description - AD573SD

ManufacturerPart #DatasheetDescription
logo
NEC
UPC667 NEC-UPC667 Datasheet
73Kb / 12P
10-BIT D/A CONVERTER
logo
Sony Corporation
CXA3197R SONY-CXA3197R Datasheet
347Kb / 30P
10-bit 125MSPS D/A Converter
logo
Analog Devices
AD571 AD-AD571 Datasheet
295Kb / 8P
10-Bit A/D Converter
AD573 AD-AD573 Datasheet
327Kb / 8P
10-Bit A/D Converter
logo
fujitsu semiconductor
MB40760 FUJITSU-MB40760 Datasheet
129Kb / 17P
1CHANNEL 10-BIT D/A CONVERTER
logo
Toshiba Semiconductor
TC35083P TOSHIBA-TC35083P Datasheet
305Kb / 11P
10-BIT A-D CONVERTER
logo
Intersil Corporation
KAD5510P-50 INTERSIL-KAD5510P-50 Datasheet
430Kb / 26P
10-Bit, 500MSPS A/D Converter
December 5, 2008
ISLA110P50IRZ INTERSIL-ISLA110P50IRZ Datasheet
1Mb / 34P
10-Bit, 500MSPS A/D Converter
July 25, 2011
logo
Analog Devices
AD571 AD-AD571_17 Datasheet
563Kb / 9P
10-Bit A/D Converter
4/12-Rev. A to Rev. B
AD573 AD-AD573_17 Datasheet
517Kb / 11P
10-Bit A/D Converter
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com