Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD421BNZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD421BNZ
Description  Loop-Powered 4 mA to 20 mA DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD421BNZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD421BNZ Datasheet HTML 6Page - Analog Devices AD421BNZ Datasheet HTML 7Page - Analog Devices AD421BNZ Datasheet HTML 8Page - Analog Devices AD421BNZ Datasheet HTML 9Page - Analog Devices AD421BNZ Datasheet HTML 10Page - Analog Devices AD421BNZ Datasheet HTML 11Page - Analog Devices AD421BNZ Datasheet HTML 12Page - Analog Devices AD421BNZ Datasheet HTML 13Page - Analog Devices AD421BNZ Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AD421
–13–
REV. C
Battery Backup
Figure 19 shows an application circuit for the AD421 where the
micro and memory sections of the circuitry are protected against
losing data if the loop is broken. The backup circuit switches
from VCC to battery voltage without a glitch when VCC power is
lost. The IRFF9113 acts as a current source during normal
operation and provides a constant charging current to the supercap
or Nicad. The loss of VCC drops the IRFF9113’s gate voltage to
zero volts, which allows the battery or supercaps current to flow
through the MOSFETs channel and integral body diode to
provide power for the micro and memory sections. To calibrate
this circuit, connect an ammeter in series with the battery or
supercap. Then with VCC and the load present adjust the 100 k
Ω
potentiometer for the battery charging current recommended by
the battery or supercap manufacturer.
Nonrechargeable batteries should not be used in this application
due to danger of explosion.
100k
IN3611
IN3611
DN25D
VCC
DRIVE
LOOP
RTN
COM
AD421*
VLOOP
IRFF9113
SUPERCAP
VCC
GND
MICRO/
MEMORY
*ADDITIONAL CIRCUITRY OMITTED FOR CLARITY
4.7 F
0.1 F
2.2 F
Figure 19. Battery Backup Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com