Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD421BNZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD421BNZ
Description  Loop-Powered 4 mA to 20 mA DAC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD421BNZ Datasheet(HTML) 3 Page - Analog Devices

  AD421BNZ Datasheet HTML 1Page - Analog Devices AD421BNZ Datasheet HTML 2Page - Analog Devices AD421BNZ Datasheet HTML 3Page - Analog Devices AD421BNZ Datasheet HTML 4Page - Analog Devices AD421BNZ Datasheet HTML 5Page - Analog Devices AD421BNZ Datasheet HTML 6Page - Analog Devices AD421BNZ Datasheet HTML 7Page - Analog Devices AD421BNZ Datasheet HTML 8Page - Analog Devices AD421BNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AD421
–3–
REV. C
TIMING CHARACTERISTICS1, 2, 3
Parameter
(B Versions)
Units
Conditions/Comments
tCK
100
ns min
Data Clock Period
tCL
50
ns min
Data Clock Low Time
tCH
50
ns min
Data Clock High Time
tDW
30
ns min
Data Stable Width
tDS
30
ns min
Data Setup Time
tDH
0
ns min
Data Hold Time
tLD
50
ns min
Latch Delay Time
tLL
50
ns min
Latch Low Time
tLH
50
ns min
Latch High Time
NOTES
1Guaranteed by characterization at initial product release, not production tested.
2See Figures 1 and 2.
3All input signals are specified with tr = tf = 5 ns (10% to 90% of V
CC ) and timed from a voltage level of (VIN + VIL )/2; tr and tf should not exceed 1
µs on any digital
input.
Specifications subject to change without notice.
WORD "N"
WORD "N +1"
10
1
1
1 1
11
1
1
00
0
0
0
0
1
0
0
1
CLOCK
DATA
LATCH
Figure 1. Serial Interface Waveforms (Normal Data Load)
CLOCK
DATA
LATCH
t
CK
t
CL
t
CH
t
DS
t
DH
t
DW
t
LD
t
LL
t
LH
Figure 2. Serial Interface Timing Diagram
(VCC = +3 V to +5 V, TA = TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com