Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8404 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPCP8404
Description  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8404 Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TPCP8404 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 9Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 10Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TPCP8404
2010-02-01
7
P-ch
−10
−0.1
−100
−10
−1
−100
−1
−0.1
10 ms *
1 ms *
VDSS
max
−0.01
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
(1)
(2)
(3)
(4)
Drain
−source voltage VDS (V)
Safe operating area
ID max (Pulse) *
rth – tw
Pulse width tw (s)
Single pulse
Device mounted on a glass-epoxy board (a) (Note 2a)
(1) Single-device operation (Note 3a)
(2) Single-device value at dual operation (Note 3b)
Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Single-device operation (Note 3a)
(4) Single-device value at dual operation (Note 3b)
* Single pulse
Ta
= 25°C
Curves must be derated
linearly with increase in
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com