Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPCP8404 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TPCP8404
Description  TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MO/U-MOS)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCP8404 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TPCP8404 Datasheet HTML 1Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 2Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 3Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 4Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 5Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 6Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 7Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 8Page - Toshiba Semiconductor TPCP8404 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TPCP8404
2010-02-01
1
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOⅤ/U-MOSⅣ)
TPCP8404
Portable Equipment Applications
Motor Drive Applications
• Low drain-source ON-resistance : P Channel RDS (ON) = 38 mΩ(typ.)
(VGS=
−10V)
N Channel RDS (ON) = 38 mΩ(typ.)
(
VGS=10V)
• High forward transfer admittance : P Channel |Yfs| = 7.3 S (typ.)
N Channel |Yfs| = 8 S (typ.)
• Low leakage current : P Channel IDSS = −10 μA (max) (VDS = −30 V)
N Channel IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement mode
: P Channel Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
N Channel Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
−30
30
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
−30
30
V
Gate-source voltage
VGSS
±20
±20
V
DC
(Note 1)
ID
−4
4
Drain
current
Pulse
(Note 1)
IDP
−16
16
A
Single-device operation
(Note 3a)
PD (1)
1.48
1.48
Drain power
dissipation
(t
= 5 s)
(Note 2a)
Single-device value at
dual operation (Note 3b)
PD (2)
1.23
1.23
Single-device operation
(Note 3a)
PD (1)
0.58
0.58
Drain power
dissipation
(t
= 5 s)
(Note 2b)
Single-device value at
dual operation (Note 3b)
PD (2)
0.36
0.36
W
Single pulse avalanche energy
(Note 4)
EAS
2.6
2.6
mJ
Avalanche current
IAR
−2
2
A
Repetitive avalanche energy
Single-device value at dual operation
(Note 2a, 3b, 5)
EAR
0.009
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: For Notes 1 to 5, refer to the next page.
Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings. Please design the appropriate
reliability upon reviewing the Toshiba Semiconductor Reliability
Handbook (“Handling Precautions”/“Derating Concept and
Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
This transistor is an electrostatic-sensitive device. Handle with caution.
Unit: mm
JEDEC
⎯
JEITA
⎯
TOSHIBA
2-3V1G
Weight: 0.017 g (typ.)
Circuit Configuration
Marking (Note 6)
8
7
6
5
1
2
3
4
8404
1
2
3
4
8
7
6
5
Lot No.
5.Drain2
6.Drain2
7.Drain1
8.Drain1
1.Source1
2.Gate1
3.Source2
4.Gate2
0.33±0.05
0.28+0.1
-0.11
1.12+0.13
-0.12
0.475
0.65
A
0.05 M
2.9±0.1
4
1
5
8
0.8±0.05
0.17±0.02
B
B
0.05 M
A
S
0.025
S
1.12+0.13
-0.12
0.28+0.1
-0.11


Similar Part No. - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TPCP8404 KEXIN-TPCP8404 Datasheet
258Kb / 10P
Silicon P,N Channel MOSFET
logo
Toshiba Semiconductor
TPCP8404 TOSHIBA-TPCP8404 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results

Similar Description - TPCP8404

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
16-Nov-2006
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
17-Nov-2006
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8401 TOSHIBA-TPCP8401_07 Datasheet
279Kb / 10P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS ??/ ?-MOS ??
SSM3J325F TOSHIBA-SSM3J325F Datasheet
193Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com