Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6850BCPZ Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6850BCPZ
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6850BCPZ Datasheet HTML 28Page - Analog Devices ADRF6850BCPZ Datasheet HTML 29Page - Analog Devices ADRF6850BCPZ Datasheet HTML 30Page - Analog Devices ADRF6850BCPZ Datasheet HTML 31Page - Analog Devices ADRF6850BCPZ Datasheet HTML 32Page - Analog Devices ADRF6850BCPZ Datasheet HTML 33Page - Analog Devices ADRF6850BCPZ Datasheet HTML 34Page - Analog Devices ADRF6850BCPZ Datasheet HTML 35Page - Analog Devices ADRF6850BCPZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADRF6850
Rev. 0 | Page 32 of 36
Baseband Outputs and VOCM
The pair of I and Q baseband outputs are connected to the
board by SMA connectors. They are ac-coupled to the output
connectors. VOCM, which sets the common-mode output
voltage, is grounded and the internal baseband (VOCM) reference
is selected by Register CR29, Bit 6. If the external baseband
(VOCM) reference is selected by setting this bit to a 0, then a
voltage needs to be applied through J6 and R20 needs to be
removed.
Loop Filter
A fourth-order loop filter is provided at the output of the charge
pump and is required to adequately filter noise from the Σ-Δ
modulator used in the N-divider. With the charge pump current
set to a midscale value of 2.5 mA and using the on-chip VCO,
the loop bandwidth is approximately 50 kHz, and the phase
margin is 55°. C0G capacitors are recommended for use in the
loop filter because they have low dielectric absorption, which is
required for fast and accurate settling time. The use of non C0G
capacitors may result in a long tail being introduced into the
PLL settling time transient.
Reference Input
The reference input can be supplied by a 13.5 MHz Jauch clock
generator or by an external clock through the use of Connector J7.
The frequency range of the reference input is from 10 MHz to
300 MHz with the PFD frequency limited to a maximum of
30 MHz. Double the 13.5 MHz clock to 27 MHz by using the on-
chip reference frequency doubler to optimize phase noise
performance.
TESTLO Inputs
These pins are differential test inputs that allow a variety of debug
options. On this board, the capability is provided to drive these
pins with an external 4× LO signal that is then applied to an
Anaren balun to provide a differential input signal.
When driving the TESTLO pins, the PLL can be bypassed, and
the demodulator can be driven directly by this external LO
signal. The frequency of the LO signal needs to be 4 times the
operating frequency. These inputs also require a dc bias. A dc
bias of 3.3 V is the default option used on the board.
LOMON Outputs
These pins are differential LO monitor outputs that provide a
replica of the internal LO frequency at 1× LO. The single-ended
power in a 50 Ω load can be programmed to −24 dBm, −18dBm,
−12 dBm, or −6 dBm. These open-collector outputs must be
terminated to 3.3 V. Because both outputs must be terminated
to 50 Ω, options are provided to terminate to 3.3 V using on-
board 50 Ω resistors or by series inductors (or a ferrite bead), in
which case the 50 Ω termination is provided by the measuring
instrument.
CCOMPx Pins
The CCOMPx pins are internal compensation nodes that must
be decoupled to ground with a 100 nF capacitor.
MUXOUT
MUXOUT is a test output that allows different internal nodes
to be monitored. It is a CMOS output stage that requires no
termination.
Lock Detect (LDET)
Lock detect is a CMOS output that indicates the state of the
PLL. A high level indicates a locked condition, and a low level
indicates a loss of lock condition.
RF Inputs (RFI, RFCM, and RFI)
RFI and RFI are 50 Ω internally biased RF inputs. For single-
ended operation as demonstrated on the evaluation board, RFI
must be ac-coupled to the source and RFI must be ac-coupled
to the ground plane. RFCM is the RF input common-mode pin.
It should be connected to RFI when driving the input in single-
ended mode. When driving the input differentially using a
balun, connect this pin to the common terminal of the output
coil of the balun.
VGAIN
The VGAIN pin sets the gain of the VGA. The VGAIN voltage
range is from 0 V to 1.5 V. This allows the gain of the VGA to
vary from 0 dB to +60 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com