Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6850BCPZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6850BCPZ
Description  100 MHz to 1000 MHz Integrated Broadband Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6850BCPZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6850BCPZ Datasheet HTML 4Page - Analog Devices ADRF6850BCPZ Datasheet HTML 5Page - Analog Devices ADRF6850BCPZ Datasheet HTML 6Page - Analog Devices ADRF6850BCPZ Datasheet HTML 7Page - Analog Devices ADRF6850BCPZ Datasheet HTML 8Page - Analog Devices ADRF6850BCPZ Datasheet HTML 9Page - Analog Devices ADRF6850BCPZ Datasheet HTML 10Page - Analog Devices ADRF6850BCPZ Datasheet HTML 11Page - Analog Devices ADRF6850BCPZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
ADRF6850
Rev. 0 | Page 8 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
VCC1
2
IBB
3
IBB
4
QBB
5
QBB
6
GND
7
VOCM
8
GND
9
RSET
10
LF3
11
CP
12
LF2
13
VCC2
14
VCC3
35 CCOMP3
36 VCC7
37 GND
38 VTUNE
39 MUXOUT
40 LDET
41 GND
42 VCC8
34 CCOMP2
33 CCOMP1
32 GND
31 VCC6
30 CLK/SCL
29 SDI/SDA
TOP VIEW
(Not to Scale)
ADRF6850
NOTES
1. CONNECT EXPOSED PAD TO GROUND PLANE VIA
A LOW IMPEDANCE PATH.
Figure 4. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 13, 14, 15, 16,
31, 36, 42, 49
VCC1 to VCC9
Positive Power Supplies. Apply a 3.3 V power supply to all VCCx pins. Decouple each pin with a power
supply decoupling capacitor.
6, 8, 19, 20, 21,
24, 32, 37, 41,
44, 45, 46, 47,
48, 50, 52, 54, 56
GND
Analog Ground. Connect to a low impedance ground plane.
2, 3, 4, 5
IBB, IBB, QBB,
QBB
Differential In-Phase and Quadrature Baseband Outputs. These low impedance outputs can drive
2.5 V p-p into 100 Ω differential loads.
7
VOCM
Baseband Common-Mode Voltage Input. When ac coupling the baseband output pins, ground
VOCM. There is an option to apply an external voltage, which may be relevant when dc coupling the
baseband output pins. Note that Register CR29, Bit 6 must be set accordingly.
33
CCOMP1
Internal Compensation Node. This pin must be decoupled to ground with a 100 nF capacitor.
34
CCOMP2
Internal Compensation Node. This pin must be decoupled to ground with a 100 nF capacitor.
35
CCOMP3
Internal Compensation Node. This pin must be decoupled to ground with a 100 nF capacitor.
38
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from filtering
the CP output voltage.
9
RSET
Charge Pump Current Set. Connecting a resistor between this pin and ground sets the maximum
charge pump output current. The relationship between I
CP and RSET is
SET
CPmax
R
I
5
.
23
=
where R
SET = 4.7 kΩ and ICP max = 5 mA.
11
CP
Charge Pump Output. When enabled, this provides ±I
CP to the external loop filter, which in turn,
drives the internal VCO.
27
CS
Chip Select. CMOS input. When CS is high, the data stored in the shift registers is loaded into one of
the 31 registers. In I2C mode, when CS is high, the slave address of the device is 0x78, and when CS is
low, the slave address is 0x58.
29
SDI/SDA
Serial Data Input for SPI Port, Serial Data Input/Output for I2C Port. In SPI mode. This input is a high
impedance CMOS data input, and data is loaded in an 8-bit word. In I2C mode, this pin is a
bidirectional port.
30
CLK/SCL
Serial Clock Input for SPI/I2C Port. This serial clock is used to clock in the serial data to the registers.
This input is a high impedance CMOS input.
28
SDO
Serial Data Output for SPI Port. Register states can be read back on the SDO data output line in an
8-bit word.
17
REFIN
Reference Input. AC couple this high impedance CMOS input.
18
REFIN
Reference Input Bar. Ground this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com