Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953 Datasheet(PDF) 7 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 7 Page - ams AG

Back Button AS3953 Datasheet HTML 3Page - ams AG AS3953 Datasheet HTML 4Page - ams AG AS3953 Datasheet HTML 5Page - ams AG AS3953 Datasheet HTML 6Page - ams AG AS3953 Datasheet HTML 7Page - ams AG AS3953 Datasheet HTML 8Page - ams AG AS3953 Datasheet HTML 9Page - ams AG AS3953 Datasheet HTML 10Page - ams AG AS3953 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
www.ams.com
Revision 1.0
7 - 42
AS3953
Datasheet - E le c t r i ca l C h a ra c t e r is t i c s
6 Electrical Characteristics
All in this specification defined tolerances for external components need to be assured over the whole operation conditions range and also over
lifetime.
6.1 Operating Conditions
6.2 DC/AC Characteristics for Digital Inputs and Outputs
CMOS Inputs. Valid for input pins /SS, MOSI, SCLK
CMOS Outputs. Valid for output pins MISO, IRQ
Symbol
Parameter
Min
Typ
Max
Units
Note
Ilim
Limiter current
30
mA
Till this current limiter clamps
VLC1-LC2 to 5.0V
VVP_SPI
SPI power supply
1.65
3.6
V
When logic powered from RFID
interface
1.8
3.6
V
When logic powered from VP_SPI
interface
TAMB
Ambient temperature
-40
85
ºC
Symbol
Parameter
Min
Typ
Max
Units
Note
VIH
High level input voltage
0.7 * VP_SPI
V
VIL
Low level input voltage
0.3 * VP_SPI
V
ILEAK
Input leakage current
1
µA
Symbol
Parameter
Min
Typ
Max
Units
Note
VOH
High level output voltage
0.9 * VP_SPI
V
ISOURCE = 1mA
VP_SPI = 3V
VOL
Low level output voltage
0.1 * VP_SPI
V
CL
Capacitive load
50
pF
RO
Output Resistance
200
400
Ω
RPD
Pull-down resistance pad MOSI
10
k
Ω
Pull-down can be enabled while
MISO output is in tristate. The
activation is controlled by register
setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com