Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953 Datasheet(PDF) 32 Page - ams AG

Part # AS3953
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953 Datasheet(HTML) 32 Page - ams AG

Back Button AS3953 Datasheet HTML 28Page - ams AG AS3953 Datasheet HTML 29Page - ams AG AS3953 Datasheet HTML 30Page - ams AG AS3953 Datasheet HTML 31Page - ams AG AS3953 Datasheet HTML 32Page - ams AG AS3953 Datasheet HTML 33Page - ams AG AS3953 Datasheet HTML 34Page - ams AG AS3953 Datasheet HTML 35Page - ams AG AS3953 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
www.ams.com
Revision 1.0
32 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
8.3.4 Display Registers
RFID Status Display Register.
Notes:
1. The information read from this register can be false during reception (the logic state change during reception and the readout of status
can be done just at the moment when the status is changing).
2. The RFID Status Display Register is not a real register. By reading this register, controller has access to specific RFID logic internal
signals in order to observe its internal state.
RATS Register.
Notes:
1. At power-up and after
Set Default, content of this register is set to ‘0’.
2. The RATS Register is used only in ISO 14443A-4 Protocol mode. It contains information sent by PCD in
RATS command. The register
informs the controller about maximum frame size that the PCD can handle and the attributed CID number.
Address# 04h : RFID Status Display
Type: R
Bit
Name
Function
Comments
7
hf_pon
1:
PICC AFE is active
AFE Power-on signal
6
state<2>
000:
POWER OFF
001:
IDLE
010:
READY 011 – ACTIVE
101:
HALT
110:
READYX
111:
ACTIVEX
100:
L4
PICC Logic state
5
state<1>
4
state<0>
3
RFU
2
RFU
1
RFU
0
RFU
Address# 05h : RATS
Type: R
Bit
Name
Function
Comments
7
fsdi3
RATS FSDI bits
Displays maximum frame size that PCD can
handle (set by PCD in
RATS command)
6
fsdi2
5
fsdi1
4
fsdi0
3
cid3
RATS CID bits
Displays attributed CID number (set by PCD
in
RATS command)
2
cid2
1
cid1
0
cid0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com