Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A-BDFM Datasheet(PDF) 1 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 1 Page - ams AG

  AS3953A-BDFM Datasheet HTML 1Page - ams AG AS3953A-BDFM Datasheet HTML 2Page - ams AG AS3953A-BDFM Datasheet HTML 3Page - ams AG AS3953A-BDFM Datasheet HTML 4Page - ams AG AS3953A-BDFM Datasheet HTML 5Page - ams AG AS3953A-BDFM Datasheet HTML 6Page - ams AG AS3953A-BDFM Datasheet HTML 7Page - ams AG AS3953A-BDFM Datasheet HTML 8Page - ams AG AS3953A-BDFM Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
AS3953
14443 High Speed Passive Tag Interface
www.ams.com
Revision 1.0
1 - 42
1 General Description
The AS3953 NFC interface IC (NFiC) delivers low cost, ultra low
power NFC forum functionality to multiple different applications. The
AS3953 is a analog front-end with integrated 14443A data framing
and SPI interface. It is designed to create a fast data link between an
ISO 14443A reader device (PCD) and a microcontroller. The AS3953
is Passively powered meaning that it can be supplied from the PCD
magnetic field, eliminating the need of a continual external supply.
This makes the AS3953 perfect for wireless communication to a low-
power battery powered device.
The AS3953 is used with an appropriate antenna coil connected to
the terminals LC1 and LC2, and behaves as a normal passive ISO
144443A tag (PICC). After the anti-collision protocol is passed, the
PCD sends a Wake-up command, which wakes up the
microcontroller by sending an interrupt. From this point onwards, the
AS3953 serves as a data link between the microcontroller and the
PCD. AS3953 can also operate as NFCIP-1 target at 106 kb/s.
The AS3953 includes an onboard EEPROM that can be accessed
either from the PCD or from the microcontroller via the SPI interface.
This built-in flexibility makes it ideal for two types of applications:

Where personalization data is programmed by the PCD (even in
case the SPI side is not powered) and it is later read by
microcontroller through SPI interface.

Where log data is stored periodically by the microcontroller and
can then be read by the PCD even when the microcontroller is
not powered.
A regulated power supply voltage extracted from the PCD field is
also available on a pin and can be used as power supply for external
circuitry. For example, an external microcontroller and a sensor
could be powered from the PCD field combined with pass through
data rates up to 848Kbps, which means the AS3953 is ideal for
contactless passive programming of MCU systems. The AS3953 can
also operate as a stand-alone ISO 14443A tag.
The AS3953 supports ISO 14443A up to Level-4, meaning a
contactless smart card or an NFC forum compatible tag (Tag Type 4)
can be built. Having a NFC Forum compatible tag interface allows
the AS3953 to be used in an application where a standard NFC
enabled phone is used as a PCD.
2 Key Features

ISO 14443A compliant to Level-4

NFCIP-1 target at 106 kb/s

1k bit EEPROM (928 bits of user memory)

Configurable wake-up interrupt (after tag is selected or using
proprietary command)

Powered from external magnetic field with the possibility to
draw up to 5mA

7 byte UID

User configurable regulated voltage extracted from external
magnetic field

Bit rates from 106 Kbps till 848 Kbps

Integrated resonant capacitor

Integrated buffer capacitor

4-wire Serial Peripheral Interface (SPI) with 32 byte FIFO

Wide SPI power supply range (1.65V to 3.6V)

Wide temperature range: -40ºC to 85ºC

Available as WLCSP 10-bumps (Future delivery options: 10-pin
MLPD (3x3mm) and Gold bumped dies)
3 Applications
The device is ideal for applications like Passive wake-up,
Multipurpose HF interface to a controller, Low power or passive
programming, Ultra Low Power Data Logger, RFID Programmable
configuration EEPROM, ISO 14443A smart card, NFC Forum Tag
Type 4, and Bluetooth and Wi-Fi pairing.
Figure 1. AS3953 Block Diagram
LC1
LC2
VSS
VP_SPI
SPI
Power
Manager
EEPROM
POR
Level
Shifters
VP_REG
VDD
AS3953
AFE
VP_INT
IRQ
Logic


Similar Part No. - AS3953A-BDFM

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3953A-BDFM AMSCO-AS3953A-BDFM Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
ams-OSRAM AG
AS3953A-BDFM AMSOSRAM-AS3953A-BDFM Datasheet
1Mb / 71P
14443 High Speed Passive Tag Interface
2019-Feb-15
More results

Similar Description - AS3953A-BDFM

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C174 PYRAMID-P4C174 Datasheet
281Kb / 12P
HIGH SPEED 8K x 8 CACHE TAG STATIC RAM
logo
ams AG
AS3953 AMSCO-AS3953_07 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
List of Unclassifed Man...
AS3953-DK-ST ETC2-AS3953-DK-ST Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
ams AG
AS3953A AMSCO-AS3953A Datasheet
681Kb / 42P
High Speed Passive Tag Interface
logo
Abracon Corporation
ART868X25275YZ25 ABRACON-ART868X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART868X130903TX13 ABRACON-ART868X130903TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART915X25275YZ25 ABRACON-ART915X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
logo
ams AG
AS3953A AMSCO-AS3953A_V01 Datasheet
863Kb / 70P
14443 High Speed Passive Tag Interface
2019-Feb-15
AS3953B AMSCO-AS3953B Datasheet
727Kb / 64P
14443 High Speed Passive Tag Interface
2016-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com