Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A-BDFM Datasheet(PDF) 23 Page - ams AG

Part # AS3953A-BDFM
Description  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3953A-BDFM Datasheet(HTML) 23 Page - ams AG

Back Button AS3953A-BDFM Datasheet HTML 19Page - ams AG AS3953A-BDFM Datasheet HTML 20Page - ams AG AS3953A-BDFM Datasheet HTML 21Page - ams AG AS3953A-BDFM Datasheet HTML 22Page - ams AG AS3953A-BDFM Datasheet HTML 23Page - ams AG AS3953A-BDFM Datasheet HTML 24Page - ams AG AS3953A-BDFM Datasheet HTML 25Page - ams AG AS3953A-BDFM Datasheet HTML 26Page - ams AG AS3953A-BDFM Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
www.ams.com
Revision 1.0
23 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
Figure 6. Signal to Controller
8.1.1 Writing of Data to Addressable Registers (Register Write Mode)
Following figures show cases of writing a single byte and writing multiple bytes with auto-incrementing address. After the SPI operation mode
bits, the address of register to be written is provided. Then one or more data bytes are transferred from the SPI, always from the MSB to the LSB.
The data byte is written in register on falling edge of its last clock. In case the communication is terminated by putting /SS high before a packet of
8 bits composing one byte is sent, writing of this register is not performed. In case the register on the defined address does not exist or it is a
read only register no write is performed.
Note:
When the AS3953 is powered via vp_SPI and not via field; the registers and EEPROM can be readout. When CS is set to low, after
50us of the falling edge, the Registers and the EEPROM can be readout. Nevertheless, if there is no activity for 1ms, there is a timeout
and the logic goes to sleep, hence losing the values in the registers. (EEPROM values are retained).
Figure 7. Writing of a Single Register
Figure 8. Writing of Register Data with Auto-incrementing Address
MOSI
MISO
MISO
MOSI
AS3953
MOSI
MISO
I/O
AS3953
µC
µC
Separate SPI Input and Output Signals to Controller
Bi-directional Data IO Signal to Controller
0
0
0
A4
A3
A2
A1
A0
D5
D4
D3
D2
D1
D0
D7
D6
X
X
SCLK rising
edge Data is
transfered from
µC
SCLK falling
edge Data is
sampled
Data is moved to
Address
A4-A0
/SS rising
edge signals
end of WRITE
Mode
Three leading
bits indicate
Mode
/SS
SCLK
MOSI
00 0
A
4
A
3
A
2
A
1
A
0
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
X
X
Data is moved to
Address
<A4-A0> + n
/SS raising edge
signals end of
WRITE Mode
Three leading
bits indicate
Mode
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
D
7
D
6
D
1
D
0
Data is moved to
Address
<A4-A0> + (n-1)
Data is moved to
Address
<A4-A0> + 1
Data is moved
to Address
<A4-A0>
/SS
SCLK
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com